Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29PL-J55TAI011 Datasheet(PDF) 11 Page - SPANSION

Part # S29PL-J55TAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55TAI011 Datasheet(HTML) 11 Page - SPANSION

Back Button S29PL-J55TAI011 Datasheet HTML 7Page - SPANSION S29PL-J55TAI011 Datasheet HTML 8Page - SPANSION S29PL-J55TAI011 Datasheet HTML 9Page - SPANSION S29PL-J55TAI011 Datasheet HTML 10Page - SPANSION S29PL-J55TAI011 Datasheet HTML 11Page - SPANSION S29PL-J55TAI011 Datasheet HTML 12Page - SPANSION S29PL-J55TAI011 Datasheet HTML 13Page - SPANSION S29PL-J55TAI011 Datasheet HTML 14Page - SPANSION S29PL-J55TAI011 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
9
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
2.
Ordering Information
The order number (Valid Combination) is formed by a valid combinations of the following:
Valid Combinations to be Supported for this Device
S29PL-J
55
BA
W
00
0
Packing Type
0= Tray
1
= Tube
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
Model Number (Additional Ordering Options)
00 = 3.0V VIO, 80-ball 11 x 8 mm FBGA (VBG080)
01 = 1.8V VIO, 80-ball 11 x 8 mm FBGA (VBG080)
02 = 3.0V VIO, 64-ball 8 x 11.6 mm FBGA (VBH064)
12 = 3.0V VIO, 48-ball 8 x 6 mm FBGA (VBK048)
13 = 3.0V VIO, 56-ball 20 x 14 mm TSOP (TS056)
15 = 3.0V VIO, 56-ball 7 x 9 mm FBGA (VBU056)
Temperature Range
W = Wireless (–25°C to +85°C)
I
= Industrial (–40°C to +85°C)
Package Type
BA = Fine-Pitch Grid Array (FBGA)
Lead (Pb)- free compliant
BF = Fine-Pitch Grid Array (FBGA)
Lead (Pb)-free
TA = Thin Small Outline Package (TSOP) Standard Pinout
Lead (Pb)-free compliant
TF = Thin Small Outline Package (TSOP) Standard Pinout
Lead (Pb)-free
Clock Speed
55 = 55 ns (Contact factory for availability)
60 = 60 ns
65 = 65 ns
70 = 70 ns
Device Number/Description
128 Megabit (8 M x 16-Bit), 64 Megabit (4 M x 16-Bit), 32 Megabit (2 M x 16-Bit)
CMOS Flash Memory, Simultaneous-Read/Write, Page-Mode Flash Memory,
3.0 Volt-only Read, Program, and Erase
128 Mb Products Based on 110 nm Floating Gate Technology
Device Number/
Description
Speed (ns)
Package
Type
Temperature
Range
Additional
Ordering Options
CE#
Configuration
S29PL127J
55, 60, 65, 70
BA, BF, TA, TF
W, I
00, 01, 13
Single CE#
64 Mb Products Based on 110 nm Floating Gate Technology
Device Number/
Description
Speed (ns)
Package
Type
Temperature
Range
Additional
Ordering Options
S29PL064J
55, 60, 70
BA, BF
W, I
12, 15
32 Mb Products Based on 110 nm Floating Gate Technology
Device Number/
Description
Speed (ns)
Package
Type
Temperature
Range
Additional
Ordering Options
S29PL032J
55, 60, 70
BA, BF
W, I
12, 15


Similar Part No. - S29PL-J55TAI011

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S29PL-J CYPRESS-S29PL-J Datasheet
7Mb / 101P
   128-/128-/64-/32-Mbit (8/8/4/2M x 16-Bit) 3V, Flash with Enhanced VersatileIO
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results

Similar Description - S29PL-J55TAI011

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29PDL640G SPANSION-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Advanced Micro Devices
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL640G AMD-AM29PDL640G Datasheet
1Mb / 61P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
S29PL-J SPANSION-S29PL-J_12 Datasheet
2Mb / 99P
   128/128/64/32 Megabit (8/8/4/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com