Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3070W-100 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3070W-100
Description  3.3V Single-Piece 16Mb Nonvolatile SRAM with Clock
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3070W-100 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3070W-100 Datasheet HTML 1Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 2Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 3Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 4Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 5Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 6Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 7Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 8Page - Maxim Integrated Products DS3070W-100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3.3V Single-Piece 16Mb Nonvolatile SRAM
with Clock
_____________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V ±0.3V, TA = -40°C to +85°C.)
DS3070W-100
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Read Cycle Time
tRC
100
ns
Access Time
tACC
100
ns
OE to Output Valid
tOE
50
ns
RTC OE to Output Valid
tOEC
60
ns
CE or CS to Output Valid
tCO
100
ns
OE or CE or CS to Output Active
tCOE
(Note 2)
5
ns
Output High Impedance from
Deselection
tOD
(Note 2)
40
ns
Output Hold from Address
tOH
5ns
Write Cycle Time
tWC
100
ns
Write Pulse Width
tWP
(Note 3)
75
ns
Address Setup Time
tAW
0ns
tWR1
(Note 4)
5
Write Recovery Time
tWR2
(Note 5)
20
ns
Output High Impedance
from WE
tODW
(Note 2)
40
ns
Output Active from WE
tOEW
(Note 2)
5
ns
Data Setup Time
tDS
(Note 6)
40
ns
tDH1
(Note 4)
0
Data Hold Time
tDH2
(Note 5)
20
ns
Chip-to-Chip Setup Time
tCCS
40
ns
POWER-DOWN/POWER-UP TIMING
(TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Fail Detect to CE, CS, and
WE Inactive
tPD
(Note 7)
1.5
µs
VCC Slew from VTP to 0V
tF
150
µs
VCC Slew from 0V to VTP
tR
150
µs
VCC Valid to CE, CS, and WE
Inactive
tPU
2ms
VCC Valid to End of Write
Protection
tREC
125
ms
VCC Fail Detect to RST Active
tRPD
(Note 1)
3.0
µs
VCC Valid to RST Inactive
tRPU
(Note 1)
40
350
525
ms


Similar Part No. - DS3070W-100

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
logo
SICK AG
DS30-N1241 SICK-DS30-N1241 Datasheet
625Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N1253 SICK-DS30-N1253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N1255 SICK-DS30-N1255 Datasheet
688Kb / 6P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS3070W-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
DS3045W MAXIM-DS3045W Datasheet
551Kb / 18P
   3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
Rev 0; 6/05
logo
Dallas Semiconductor
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
   3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS3050W MAXIM-DS3050W Datasheet
555Kb / 18P
   3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS1270W MAXIM-DS1270W Datasheet
156Kb / 8P
   3.3V 16Mb Nonvolatile SRAM
110602
logo
Dallas Semiconductor
DS1270W DALLAS-DS1270W_10 Datasheet
194Kb / 8P
   3.3V 16Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com