Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG3000DB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG3000DB
Description  Low-Voltage Single SPDT MICRO FOOT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG3000DB Datasheet(HTML) 8 Page - Vishay Siliconix

  DG3000DB Datasheet HTML 1Page - Vishay Siliconix DG3000DB Datasheet HTML 2Page - Vishay Siliconix DG3000DB Datasheet HTML 3Page - Vishay Siliconix DG3000DB Datasheet HTML 4Page - Vishay Siliconix DG3000DB Datasheet HTML 5Page - Vishay Siliconix DG3000DB Datasheet HTML 6Page - Vishay Siliconix DG3000DB Datasheet HTML 7Page - Vishay Siliconix DG3000DB Datasheet HTML 8Page - Vishay Siliconix DG3000DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DG3000
Vishay Siliconix
www.vishay.com
8
Document Number: 71742
S-21483—Rev. C, 26-Aug-02
TEST CIRCUITS
FIGURE 4. Off-Isolation
FIGURE 5. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+
IN
GND
NC or NO
0V, 2.4 V
10 nF
COM
Off Isolation
+ 20 log
V
COM
V
NO NC
RL
Analyzer
V+
V+


Similar Part No. - DG3000DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000DB-T1 VISHAY-DG3000DB-T1 Datasheet
130Kb / 10P
   Low-Voltage Single SPDT MICRO FOOT®Analog Switch
Rev. F, 30-Apr-07
DG3000DB-T1 VISHAY-DG3000DB-T1 Datasheet
274Kb / 14P
   Low-Voltage Single SPDT MICRO FOOT짰Analog Switch
01-Jan-2022
DG3000DB-T1-E1 VISHAY-DG3000DB-T1-E1 Datasheet
130Kb / 10P
   Low-Voltage Single SPDT MICRO FOOT®Analog Switch
Rev. F, 30-Apr-07
DG3000DB-T1-E1 VISHAY-DG3000DB-T1-E1 Datasheet
274Kb / 14P
   Low-Voltage Single SPDT MICRO FOOT짰Analog Switch
01-Jan-2022
More results

Similar Description - DG3000DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000_08 Datasheet
130Kb / 10P
   Low-Voltage Single SPDT MICRO FOOT®Analog Switch
Rev. F, 30-Apr-07
DG3001 VISHAY-DG3001_11 Datasheet
193Kb / 12P
   Low-Voltage Sub-ohm SPST/SPDT MICRO FOOT Analog Switch
Rev. D, 28-Feb-11
DG3003 VISHAY-DG3003 Datasheet
96Kb / 7P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT Analog Switch
Rev. A, 27-Oct-03
DG3001 VISHAY-DG3001 Datasheet
123Kb / 9P
   Low-Voltage Sub-Ohm SPST/SPDT MICRO FOOT® Analog Switch
Rev. C, 30-Apr-07
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com