Electronic Components Datasheet Search |
|
S29PL-J70BFW021 Datasheet(PDF) 3 Page - SPANSION |
|
S29PL-J70BFW021 Datasheet(HTML) 3 Page - SPANSION |
3 / 96 page This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice. Publication Number S29PL-J_00 Revision A Amendment 9 Issue Date September 22, 2006 Distinctive Characteristics Architectural Advantages 128/128/64/32 Mbit Page Mode devices – Page size of 8 words: Fast page read access from random locations within the page Single power supply operation – Full Voltage range: 2.7 to 3.6 volt read, erase, and program operations for battery-powered applications Dual Chip Enable inputs (only in PL129J) – Two CE# inputs control selection of each half of the memory space Simultaneous Read/Write Operation – Data can be continuously read from one bank while executing erase/ program functions in another bank – Zero latency switching from write to read operations FlexBank Architecture (PL127J/PL064J/PL032J) – 4 separate banks, with up to two simultaneous operations per device – Bank A: PL127J -16 Mbit (4 Kw x 8 and 32 Kw x 31) PL064J - 8 Mbit (4 Kw x 8 and 32 Kw x 15) PL032J - 4 Mbit (4 Kw x 8 and 32 Kw x 7) – Bank B: PL127J - 48 Mbit (32 Kw x 96) PL064J - 24 Mbit (32 Kw x 48) PL032J - 12 Mbit (32 Kw x 24) – Bank C: PL127J - 48 Mbit (32 Kw x 96) PL064J - 24 Mbit (32 Kw x 48) PL032J - 12 Mbit (32 Kw x 24) – Bank D: PL127J -16 Mbit (4 Kw x 8 and 32 Kw x 31) PL064J - 8 Mbit (4 Kw x 8 and 32 Kw x 15) PL032J - 4 Mbit (4 Kw x 8 and 32 Kw x 7) FlexBank Architecture (PL129J) – 4 separate banks, with up to two simultaneous operations per device – CE#1 controlled banks: Bank 1A: PL129J - 16Mbit (4Kw x 8 and 32Kw x 31) Bank 1B: PL129J - 48Mbit (32Kw x 96) – CE#2 controlled banks: Bank 2A: PL129J - 48 Mbit (32Kw x 96) Bank 2B: PL129J - 16Mbit (4Kw x 8 and 32Kw x 31) Enhanced VersatileI/O (VIO) Control – Output voltage generated and input voltages tolerated on all control inputs and I/Os is determined by the voltage on the VIO pin –VIO options at 1.8 V and 3 V I/O for PL127J and PL129J devices –3V VIO for PL064J and PL032J devices Secured Silicon Sector region – Up to 128 words accessible through a command sequence – Up to 64 factory-locked words – Up to 64 customer-lockable words Both top and bottom boot blocks in one device Manufactured on 110 nm process technology Data Retention: 20 years typical Cycling Endurance: 1 million cycles per sector typical Performance Characteristics High Performance – Page access times as fast as 20 ns – Random access times as fast as 55 ns Power consumption (typical values at 10 MHz) – 45 mA active read current – 17 mA program/erase current – 0.2 µA typical standby mode current Software Features Software command-set compatible with JEDEC 42.4 standard – Backward compatible with Am29F, Am29LV, Am29DL, and AM29PDL families and MBM29QM/RM, MBM29LV, MBM29DL, MBM29PDL families CFI (Common Flash Interface) compliant – Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices Erase Suspend / Erase Resume – Suspends an erase operation to allow read or program operations in other sectors of same bank Program Suspend / Program Resume – Suspends a program operation to allow read operation from sectors other than the one being programmed Unlock Bypass Program command – Reduces overall programming time when issuing multiple program command sequences Hardware Features Ready/Busy# pin (RY/BY#) – Provides a hardware method of detecting program or erase cycle completion Hardware reset pin (RESET#) – Hardware method to reset the device to reading array data WP#/ ACC (Write Protect/Acceleration) input –At VIL, hardware level protection for the first and last two 4K word sectors. –At VIH, allows removal of sector protection –At VHH, provides accelerated programming in a factory setting Persistent Sector Protection – A command sector protection method to lock combinations of individual sectors and sector groups to prevent program or erase operations within that sector – Sectors can be locked and unlocked in-system at VCC level Password Sector Protection – A sophisticated sector protection method to lock combinations of individual sectors and sector groups to prevent program or erase operations within that sector using a user-defined 64-bit password Package options – Standard discrete pinouts 11 x 8 mm, 80-ball Fine-pitch BGA (PL127J) (VBG080) 8.15 x 6.15 mm, 48-ball Fine pitch BGA (PL064J/PL032J) (VBK048) – MCP-compatible pinout 8 x 11.6 mm, 64-ball Fine-pitch BGA (PL127J) 7 x 9 mm, 56-ball Fine-pitch BGA (PL064J and PL032J) Compatible with MCP pinout, allowing easy integration of RAM into existing designs – 20 x 14 mm, 56-pin TSOP (PL127J) (TS056) S29PL-J 128/128/64/32 Megabit (8/8/4/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO™ Control Data Sheet (Advance Information) |
Similar Part No. - S29PL-J70BFW021 |
|
Similar Description - S29PL-J70BFW021 |