Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGF200 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BGF200
Description  Microphone Filter and ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF200 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BGF200 Datasheet HTML 1Page - Infineon Technologies AG BGF200 Datasheet HTML 2Page - Infineon Technologies AG BGF200 Datasheet HTML 3Page - Infineon Technologies AG BGF200 Datasheet HTML 4Page - Infineon Technologies AG BGF200 Datasheet HTML 5Page - Infineon Technologies AG BGF200 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BGF200
Microphone Filter and ESD Protection
Data Sheet, V2.1, Oct. 2006
Small Signal Discretes


Similar Part No. - BGF200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BGF26015 SCHNEIDER-BGF26015 Datasheet
100Kb / 3P
   Circuit breaker, PowerPact B, 15A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
BGF26020 SCHNEIDER-BGF26020 Datasheet
100Kb / 3P
   Circuit breaker, PowerPact B, 20A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
BGF26025 SCHNEIDER-BGF26025 Datasheet
100Kb / 3P
   Circuit breaker, PowerPact B, 25A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
BGF26030 SCHNEIDER-BGF26030 Datasheet
100Kb / 3P
   Circuit breaker, PowerPact B, 30A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
BGF26035 SCHNEIDER-BGF26035 Datasheet
100Kb / 3P
   Circuit breaker, PowerPact B, 35A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
More results

Similar Description - BGF200

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGF113 INFINEON-BGF113 Datasheet
680Kb / 7P
   Differential Microphone Filter and ESD Protection
V3.1, Jan 2009
logo
STMicroelectronics
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6 Datasheet
323Kb / 10P
   2-line IPAD, EMI filter and ESD protection for microphone
EMIF02-MIC03M6 STMICROELECTRONICS-EMIF02-MIC03M6_11 Datasheet
330Kb / 11P
   2-line IPAD?? EMI filter and ESD protection for microphone
logo
California Micro Device...
CM1412 CALMIRCO-CM1412 Datasheet
281Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
CSPEMI202A CALMIRCO-CSPEMI202A Datasheet
615Kb / 6P
   2 Channel Headset Microphone EMI Filter with ESD Protection
logo
ON Semiconductor
CSPEMI202AG ONSEMI-CSPEMI202AG Datasheet
230Kb / 9P
   2 Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
CSPEMI205G ONSEMI-CSPEMI205G Datasheet
271Kb / 9P
   3-Channel Headset Microphone EMI Filter with ESD Protection
April 2010 Rev. 3
logo
STMicroelectronics
EMIF02-MIC07F3 STMICROELECTRONICS-EMIF02-MIC07F3 Datasheet
283Kb / 8P
   EMI filter and ESD protection
logo
Microsemi Corporation
LX7206 MICROSEMI-LX7206 Datasheet
216Kb / 7P
   Integrated EMI Filter & ESD Protection for Earpiece Speaker & Microphone Ports
logo
ON Semiconductor
CM1412 ONSEMI-CM1412 Datasheet
219Kb / 9P
   2-Channel Headset/Microphone EMI Filter Array with ESD Protection
April 2010 Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com