Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEB2-128SS Datasheet(PDF) 2 Page - ITT Industries

Part # MEB2-128SS
Description  Micro Edgeboard - .050 Contact Spacing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MEB2-128SS Datasheet(HTML) 2 Page - ITT Industries

  MEB2-128SS Datasheet HTML 1Page - ITT Industries MEB2-128SS Datasheet HTML 2Page - ITT Industries MEB2-128SS Datasheet HTML 3Page - ITT Industries MEB2-128SS Datasheet HTML 4Page - ITT Industries MEB2-128SS Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
55
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro Edgeboard - .050" Contact Spacing
MEB
Plug (Mother Board)
Receptacle (Daughter Board)
F H
G
#24 AWG
RETAINING PIN HOLES
.050
(1.27)
.050 (1.27)
A
B1
A1
B
.250 (6.35)
.180 ± .005
(4.57 ± .13)
D
C
E
.0945 ± .0035 (2.40 ± .09) DIA.
THRU .187 (4.75) X .045 (1.14) DEEP "C" BORE 2 PLACES "A" SIDE ONLY
.187 (4.75) DIA. THRU "B"SIDE ONLY
Part No.
128S
128SBR
.5 (14.17)
.5 (14.17)
*Will accept up to .093 (2.36) thick P.C. Board with shell modifications.
3.950 (100.33)
.250 (6.35)
3.700 (93.98)
.400 (10.16)
.300 (7.62)
.280 (7.11)
.030 (0.76)
.200 (5.08)
Weight
oz. (gm.) Max.
A
±.015 (0.38)
B
±.010 (0.25)
C
±.010 (0.25)
D
±.010 (0.25)
E
±.010 (0.25)
F
Max.
G*
Max.
H
±.020 (0.51)
MEB1-12BS
F H
G
#24 AWG
RETAINING PIN HOLES
.050
(1.27)
.050 (1.27)
A
B1
A1
B
.250 (6.35)
.180 ± .005
(4.57 ± .13)
D
C
E
.0945 ± .0035 (2.40 ± .09) DIA.
THRU .187 (4.75) X .045 (1.14) DEEP "C" BORE 2 PLACES "A" SIDE ONLY
.187 (4.75) DIA. THRU "B"SIDE ONLY
Part No.
128S
128SBR
.5 (14.17)
.5 (14.17)
*Will accept up to .093 (2.36) thick P.C. Board with shell modifications.
3.950 (100.33)
.250 (6.35)
3.700 (93.98)
.400 (10.16)
.300 (7.62)
.280 (7.11)
.030 (0.76)
.200 (5.08)
Weight
oz. (gm.) Max.
A
±.015 (0.38)
B
±.010 (0.25)
C
±.010 (0.25)
D
±.010 (0.25)
E
±.010 (0.25)
F
Max.
G*
Max.
H
±.020 (0.51)
MEB1-12BS


Similar Part No. - MEB2-128SS

ManufacturerPart #DatasheetDescription
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
CITIZEN ELECTRONICS CO....
MEB-12C-5 CITIZEN-MEB-12C-5 Datasheet
458Kb / 2P
   Small Circuit-equipped Type Buzzer
logo
Powerex Power Semicondu...
MEB00806 POWEREX-MEB00806 Datasheet
68Kb / 4P
   Three-Phase Diode Bridge Module (60 Amperes/800 Volts)
logo
RFE international
MEB104K2A100B200S RFE-MEB104K2A100B200S Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
Mitel Networks Corporat...
MEB90500 MITEL-MEB90500 Datasheet
98Kb / 5P
   Customer Evaluation Kit Advance Information
More results

Similar Description - MEB2-128SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com