Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT-LDOS-120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CHT-LDOS-120
Description  High-Temperature, 2.5V; 3.3V; 5V; 5.5V; 9V; 10V; 12V; 13V or 15V, 1A, Low-Dropout SOI-CMOS Voltage Regulator for symmetrical voltage applications.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHT-LDOS-120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CHT-LDOS-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHT-LDOS-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers CHT-LDOS-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers CHT-LDOS-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers CHT-LDOS-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CISSOID The SOI design Specialists
CHT-LDOS
Preliminary datasheet
Version 1.0 (05/2006)
High-Temperature,
2.5V; 3.3V; 5V; 5.5V; 9V; 10V; 12V; 13V or 15V,
1A, Low-Dropout SOI-CMOS Voltage Regulator
for symmetrical voltage applications.
General Description
The CHT-LDOS is a 1A, low-dropout linear
voltage regulator compatible with high-
temperature
environments.
Typical
operation temperature range extends from
-30°C to 225°C.
The circuit is stable throughout the whole
temperature range and under a large
choice of capacitive loads.
The minimum dropout voltage (Vin-Vout) is
2V with a 1A load current at 225°C and 1V
for load currents lower than 400mA. The
dropout voltage can span from 1 Volts to
20 Volts(1).
The circuit is a one-die solution.
CHT-LDOS is available in die and
packages (currently TO-3 and TO-254) on
demand.
Related documents:
AN-06016:
“Selecting
correct
CISSOID regulator depending on your
application”
AN-06002: “Voltage regulator short-
circuit
protection
and
associated
potential startup problem”.
Applications
Power
supplies for
high-temperature
electronic systems used in Well logging,
Automotive, Aeronautics or Aerospace
applications.
Features
1V to 20V dropout Voltage @400mA(1)
2V to 20V dropout Voltage @1A(1)
Max 1A output current @ 225°C
60dB input ripple rejection (0-100Hz)
Cload from 100nF to 1000µF, large
ESR range
Available on die or in custom package
on demand. (3-pins compatible)
Stand-by mode available. (4-pins)
Tungsten interconnects for long-term
reliability
The start-up is operative over the
whole temperature range
Latch-up free
Available voltages:
CHT-LDOS-025:
2.5V
CHT-LDOS-033:
3.3V
CHT-LDOS-050:
5.0V
CHT-LDOS-055 :
5.5V
CHT-LDOS-090 :
9.0V
CHT-LDOS-100 :
10.0V
CHT-LDOS-120:
12.0V
CHT-LDOS-130:
13.0V
CHT-LDOS-150:
15.0V
Typical application
CHT-LDO
Cout
GND
Vin
Vout
Cin
VNOM+2V
VNOM
CHT-LDOS
CHT-LDO
Cout
GND
Vin
Vout
Cin
VNOM+2V
VNOM
CHT-LDOS


Similar Part No. - CHT-LDOS-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHT-LD-100 ETC-CHT-LD-100 Datasheet
88Kb / 3P
   High-Temperature, 10V, 1A, Low-Dropout SOI-CMOS Voltage Regulator
More results

Similar Description - CHT-LDOS-120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHT-LD-100 ETC-CHT-LD-100 Datasheet
88Kb / 3P
   High-Temperature, 10V, 1A, Low-Dropout SOI-CMOS Voltage Regulator
logo
KEC(Korea Electronics)
KIA7905F KEC-KIA7905F Datasheet
471Kb / 14P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Mitsubishi Electric Sem...
M5278LXX MITSUBISHI-M5278LXX Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5278LXX RENESAS-M5278LXX Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com