Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWH1025 Datasheet(PDF) 10 Page - LUXPIA

Part # LWH1025
Description  LWH1025
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LWH1025 Datasheet(HTML) 10 Page - LUXPIA

Back Button LWH1025 Datasheet HTML 6Page - LUXPIA LWH1025 Datasheet HTML 7Page - LUXPIA LWH1025 Datasheet HTML 8Page - LUXPIA LWH1025 Datasheet HTML 9Page - LUXPIA LWH1025 Datasheet HTML 10Page - LUXPIA LWH1025 Datasheet HTML 11Page - LUXPIA LWH1025 Datasheet HTML 12Page - LUXPIA LWH1025 Datasheet HTML 13Page - LUXPIA LWH1025 Datasheet HTML 14Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
LWH1025
Different and Better
TA=25℃ , IF = 20mA
(5) Radiation Characteristic
TA=25℃ , IF = 20mA
V(λ) = Standard eye response curve
(4) Relative Spectral Emission


Similar Part No. - LWH1025

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LWH1025N LUXPIA-LWH1025N Datasheet
656Kb / 17P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com