Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEB2-64SBR Datasheet(PDF) 1 Page - ITT Industries

Part # MEB2-64SBR
Description  Micro Edgeboard - .050 Contact Spacing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MEB2-64SBR Datasheet(HTML) 1 Page - ITT Industries

  MEB2-64SBR Datasheet HTML 1Page - ITT Industries MEB2-64SBR Datasheet HTML 2Page - ITT Industries MEB2-64SBR Datasheet HTML 3Page - ITT Industries MEB2-64SBR Datasheet HTML 4Page - ITT Industries MEB2-64SBR Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
How to Order
Not applicable for printed
circuit board configurations
shown on pages 55 & 56
MEB
SERIES PREFIX
SERIES PREFIX
MEB -
L -
H -
S -
BR -
Consult factory for wire lead modification codes.
Consult factory
Uninsulated solid wire
Insulated stranded round harness
wire
Solder pots
PC board right angle, socket side only
Micro edgeboard, plug with twist pin
contacts or recept. with microsocket
contacts.
1 - .050 (1.27) centers 128/184
2 - .100 (2.54) centers 64/92
(alternate contact holes)
64, 92, 128, 184
P - Pin
S - Socket
* For other contact spacing acommodations consult customer service.
CONTACT SPACING
CONTACT SPACING
LAYOUT
LAYOUT
CONTACT TYPE
CONTACT TYPE
TERMINATION MODIFICATIONS
TERMINATION MODIFICATIONS
LEAD LENGTH
OTHER MODIFICATIONS
LEAD LENGTH
OTHER MODIFICATIONS
1
128 P
* *
* * *
-
RoHS COMPLIANCE
R
54
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro Edgeboard - .050" Contact Spacing
MEB
The Micro Edgeboard (MEB) connector series
provides a combination of high density and high
reliability for applications in airborne and space
systems, computers and peripherals, and
industrial /commercial control systems. This
series incorporates the proven
MICROPINTM/MICROSOCKETTM contact. This
contact has an outstanding record of high
reliability and millions of contacts are in use in
various applications where electrical
interconnects are used.
The MEB has machined aluminum shells for
ruggedness, diallyl phthalate insulator for top
electrical performance and a 36-position
polarization key system to prevent cross plug-
ging. Contacts are on .050 (1.27) center
spacings. A variety of termination types are
available, including 90˚ or right angle pigtails
for multi-layered P.C. boards, "coke bottle”
termination for double-sided P.C. boards.
Harnessing capability is also available for both
pin and socket sides.
The MEB, including the SBR 90˚ or right angle
variation available for multi-layer boards, can
be mounted on the female (daughter) side of
double or single-sided P.C. boards. The mating
male (mother) board side can have the
terminations formed to meet the application
demands.
Conforms to MIL-C-55302/120 thru 123. (not
qualified)
Specifications
Shell:
Contact, Pin and Socket:
Jackscrew/Jackpost:
Insulator:
6061-T6 Aluminum Alloy per QQ-A-200/8 or QQ-A-225/8, electroless nickel per
SAE AMS-C-26074, Class 4, except .0010 to .0015 (0.03 to 0.04) thick or conversion
coating per MIL-C-5541, Class 3, color gold.
Copper Alloy, 50 microinch gold per ASTM B488, Type II, Code C, Class 1.25
303 stainless steel, passivated per QQ-P-35.
Glass-filled diallyl phthalate per MIL-M-14, Type SDG-F, color green Polyester
per MIL-M-24519, Type GPT-30F , color black available for MEB-128 upon
request.
MATERIALS AND FINISHES
Consult factory for stranded wie lead modifications codes.
Size or Length:
Coupling:
Polarization:
Contact Spacing Centers:
Shell Styles:
2 sizes
Friction/Jackscrew
Shells, polarizing keys (36 positions)
.050 (1.27)
Plug and receptacle
TERMINATION TYPES
MECHANICAL FEATURES


Similar Part No. - MEB2-64SBR

ManufacturerPart #DatasheetDescription
logo
RFE international
MEB RFE-MEB Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
CITIZEN ELECTRONICS CO....
MEB-12C-5 CITIZEN-MEB-12C-5 Datasheet
458Kb / 2P
   Small Circuit-equipped Type Buzzer
logo
Powerex Power Semicondu...
MEB00806 POWEREX-MEB00806 Datasheet
68Kb / 4P
   Three-Phase Diode Bridge Module (60 Amperes/800 Volts)
logo
RFE international
MEB104K2A100B200S RFE-MEB104K2A100B200S Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
logo
Mitel Networks Corporat...
MEB90500 MITEL-MEB90500 Datasheet
98Kb / 5P
   Customer Evaluation Kit Advance Information
More results

Similar Description - MEB2-64SBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com