Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEB1-184SBR Datasheet(PDF) 3 Page - ITT Industries

Part # MEB1-184SBR
Description  Micro Edgeboard - .050 Contact Spacing
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MEB1-184SBR Datasheet(HTML) 3 Page - ITT Industries

  MEB1-184SBR Datasheet HTML 1Page - ITT Industries MEB1-184SBR Datasheet HTML 2Page - ITT Industries MEB1-184SBR Datasheet HTML 3Page - ITT Industries MEB1-184SBR Datasheet HTML 4Page - ITT Industries MEB1-184SBR Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
56
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro Edgeboard - .050" Contact Spacing
MEB
Plug (Mother Board)
MEB1-184P
B2
B1
A1
A2
.050 (1.27) TYP
RETAINING PIN HOLES
G
F
TYP
E
H
#25 AWG
(MEB1-184P)
or
.075 (1.91)
.075 (1.91) TYP.
Part No.
184P
1.0 (28.35)
2.775 (70.49)
.343 (8.71)
5.800 (147.32)
.250 (6.35)
.400 (10.16)
.280 (7.11)
.350 (8.89)
.275 (6.99)
Weight
oz. (gm.) Max.
A
+
_.015 (0.38)
B
+
_.010 (0.25)
C
+
_.005 (0.13)
D
+
_.010 (0.25)
E
+
_.010 (0.25)
F
+
_.010 (0.25)
G
+
_.025 (0.64)
H
+
_.025 (0.64)
.075
(1.91)
A
CC
A1
B1
B
D
.0945 +_ .0035
(2.40 +_ 0.09)
3 PLACES
Receptacle (Daughter Board)
F H
G
#24 AWG
RETAINING PIN HOLES
.075
(1.91)
.050 (1.27) TYP.
A
C
C
C
B1
A1
B
.250
(6.35)
.180 ± .005
(4.57 ± 0.13)
J
D
E
.0945 ± .0035 (2.40 ± .09) DIA.
THRU .187 (4.75) X .075 (1.91) DEEP "C" BORE
3 PLACES-A SIDE ONLY.
.187 (4.75) DIA. 3 PLACES-B SIDE ONLY
Part No.
184S
184SBR
1.0 (28.35)
1.0 (28.35)
*Will accept up to .093 (2.36) thick P.C. Board with shell modifications.
All round pigtail #25 AWG wire termination designs available for the MEB1-12B receptacle will apply on the MEB1-184 series also.
5.800 (147.32)
.343 (8.71)
2.775 (70.49)
.400 (10.16)
.300 (7.62) .280 (7.11)
.030 (0.76)
.200 (5.08)
.250 (6.35)
Weight
oz. (gm.) Max.
A
±.015 (0.38)
B
±.010 (0.25)
C
±.005 (0.13)
D
±.010 (0.25)
E
±.010 (0.25)
F
Max.
G
Max.
H
±.020 (0.51)
J
±.010 (0.25)
MEB1-184S


Similar Part No. - MEB1-184SBR

ManufacturerPart #DatasheetDescription
logo
RFE international
MEB104K2A100B200S RFE-MEB104K2A100B200S Datasheet
1Mb / 7P
   Metalized Polyester Film Capacitors MEB: General Purpose, Box Type
2-OCT-2023
More results

Similar Description - MEB1-184SBR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com