Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82C836 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 82C836
Description  Single-Chip 386sx AT
Download  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

82C836 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 82C836 Datasheet HTML 5Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 6Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 7Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 8Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 9Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 10Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 11Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 12Page - List of Unclassifed Manufacturers 82C836 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
List of Tables
82C836 CHIPSet Introduction
Table 1-1.
Address and Data Buses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-3
Table 1-2.
Bus Ownership . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1-6
Pin Assignments
Table 2-1.
Clock Input and Output Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-2
Table 2-2.
Local Bus Interface Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-3
Table 2-3.
Numeric Coprocessor Interface Signals . . . . . . . . . . . . . . . . . . . . 2-5
Table 2-4.
Memory Interface Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-5
Table 2-5.
I/O Channel Interface Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-6
Table 2-6.
Miscellaneous Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-8
Table 2-7.
Alphabetical Pin Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-10
Table 2-8.
Numerical Pin Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2-11
Functional Description
Table 3-1.
Pins for Strap Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3-2
Clock/Bus Control
Table 4-1.
SCATsx Cycle Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-6
System Interface
Table 5-1.
Valid Configurations ----Nonencoded or Encoded RAS . . . . . . . . . 5-6
Table 5-2.
Valid Configurations ----Encoded RAS Only . . . . . . . . . . . . . . . . . 5-7
Table 5-3.
4MB DRAM configurations ----Nonencoded RAS Only . . . . . . . . 5-7
Table 5-4.
Memory Address Mapping Modes . . . . . . . . . . . . . . . . . . . . . . . . 5-9
Table 5-5.
Memory Configuration Address Ranges and Interleaving
Sequences . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5-10
Table 5-6.
Memory Configuration Address Ranges and Interleaving
Sequences Encoded RAS Only . . . . . . . . . . . . . . . . . . . . . . . . . . . 5-11
Table 5-7.
Memory Configuration Address Ranges and Interleaving
Sequences Nonencoded RAS Only . . . . . . . . . . . . . . . . . . . . . . . . 5-11
Table 6-1.
Address Map for the Real Time Clock . . . . . . . . . . . . . . . . . . . . . 6-2
Table 6-2.
Format for Clock, Calendar, and Alarm Data . . . . . . . . . . . . . . . . 6-3
Table 6-3.
Counter Timer Control I/O Addresses . . . . . . . . . . . . . . . . . . . . . . 6-11
Table 6-4.
Gate Pin Function . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6-17
Interrupt Controller
Table 7-1.
Interrupt Levels for System Board . . . . . . . . . . . . . . . . . . . . . . . . . 7-1
Table 7-2.
Interrupt Vector Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7-4
DMA Controller
Table 8-1.
DMA Request Levels for Each I/O Channel . . . . . . . . . . . . . . . . . 8-2
Address Maps
Table 9-1.
DMA Controller I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9-1
Table 9-2.
Interrupt Controller I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9-2
Table 9-3.
Internal Configuration Registers . . . . . . . . . . . . . . . . . . . . . . . . . . 9-2
Table 9-4.
Index Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9-3
Table 9-5.
Timer Counter Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9-3
Table 9-6.
Miscellaneous I/O Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9-4
82C836 CHIPSet Data Sheet
Contents s
Chips and Technologies, Inc.
P R E L I M I N A R Y
Revision 3.0 xi


Similar Part No. - 82C836

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C83 INTERSIL-82C83 Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
   CMOS Octal Latching Inverting Bus Driver
March 1997
More results

Similar Description - 82C836

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
SBC-357 AAEON-SBC-357 Datasheet
377Kb / 1P
   386SX-40 Processor
SBC-357C AAEON-SBC-357C Datasheet
629Kb / 1P
   386SX-40 Processor
logo
Advanced Micro Devices
ELANSC310 AMD-ELANSC310 Datasheet
1Mb / 119P
   Single-Chip, 32-Bit, PC/AT Microcontroller
logo
List of Unclassifed Man...
ET9000 ETC2-ET9000 Datasheet
2Mb / 46P
   486 WRITE BACK CACHE "AT" SINGLE CHIP
logo
Advanced Micro Devices
ELANSC400 AMD-ELANSC400 Datasheet
2Mb / 132P
   Single-Chip, Low-Power, PC/AT-Compatible Microcontrollers
logo
List of Unclassifed Man...
AR-B1320 ETC-AR-B1320 Datasheet
477Kb / 1P
   Compact 386SX PC/104 EPC with DOC, SSD
logo
Texas Instruments
TACT83000 TI-TACT83000 Datasheet
2Mb / 74P
[Old version datasheet]   AT CHIP SET
logo
List of Unclassifed Man...
AR-B1376 ETC1-AR-B1376 Datasheet
426Kb / 1P
   Half-size 386SX ISA-bus CPU Card with VGA/LCD, DOC, SSD
logo
Nuvoton Technology Corp...
ISD5100 NUVOTON-ISD5100_08 Datasheet
678Kb / 90P
   SINGLE-CHIP
logo
Maxim Integrated Produc...
AN1781 MAXIM-AN1781 Datasheet
32Kb / 4P
   Graphics Chip Supply Delivers 1.65V at 26A
Nov 11, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com