Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6256DB Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HT6256DB
Description  HIGH TEMPERATURE 32K x 8 STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT6256DB Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HT6256DB Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT6256DB Datasheet HTML 8Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
HT6256
READ CYCLE AC TIMING CHARACTERISTICS (1)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V, input rise and fall times <1 ns/V, input and output timing reference levels
shown in the Tester AC Timing Characteristics table, capacitive output loading C
L >50 pF, or equivalent capacitive output loading CL=5 pF for
TSHQZ and TGHQZ. For C
L >50 pF, derate access times by 0.02 ns/pF (typical).
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C.
(3) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55 to 225
°C.
(4) External control of Chip Enable (CE) is available only in other package options.
Symbol
Parameter
Typical (2)
Worst Case (3)
Units
Min
Max
TAVAVR
Address Read Cycle Time
50
ns
TAVQV
Address Access Time
50
ns
TAXQX
Address Change to Output Invalid Time
3
ns
TSLQV
Chip Select Access Time
50
ns
TSLQX
Chip Select Output Enable Time
5
ns
TSHQZ
Chip Select Output Disable Time
20
ns
TGLQV
Output Enable Access Time
15
ns
TGLQX
Output Enable Output Enable Time
0
ns
TGHQZ
Output Enable Output Disable Time
15
ns
TEHQV
Chip Enable Output Access Time (4)
17
25
ns
TEHQX
Chip Enable Output enable Time (4)
10
5
ns
TELQZ
Chip Enable Output Disable Time (4)
4
10
ns
HIGH
IMPEDANCE
NCS
NOE
DATA VALID
CE
TAVAVR
TAVQV
TAXQX
TSLQV
TSLQX
TSHQZ
TEHQX
TEHQV
TGLQX
TGLQV
TGHQZ
TELQZ
ADDRESS
(NWE = high)
DATA OUT


Similar Part No. - HT6256DB

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6207 HOLTEK-HT6207 Datasheet
130Kb / 11P
   318 Series of Encoders
HT6207 HOLTEK-HT6207 Datasheet
155Kb / 12P
   3(18) Series of Encoders
HT6207 HOLTEK-HT6207 Datasheet
168Kb / 15P
   318 Series of Encoders
HT62104 HOLTEK-HT62104 Datasheet
2Mb / 14P
   Infrared Remote Encoder
HT6220A HOLTEK-HT6220A Datasheet
179Kb / 19P
   Multi-Purpose Encoders
More results

Similar Description - HT6256DB

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com