Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLT13 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLT13
Description  UHF power transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT13 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLT13 Datasheet HTML 1Page - NXP Semiconductors BLT13 Datasheet HTML 2Page - NXP Semiconductors BLT13 Datasheet HTML 3Page - NXP Semiconductors BLT13 Datasheet HTML 4Page - NXP Semiconductors BLT13 Datasheet HTML 5Page - NXP Semiconductors BLT13 Datasheet HTML 6Page - NXP Semiconductors BLT13 Datasheet HTML 7Page - NXP Semiconductors BLT13 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1996 Apr 12
5
Philips Semiconductors
Preliminary specification
UHF power transistor
BLT13
PACKAGE OUTLINE
Fig.3 SOT96-1.
Dimensions in mm.
handbook, full pagewidth
pin 1
index
0.7
0.3
0.49
0.36
1.27
0.25 M
(8x)
1
4
5
0.1 S
S
5.0
4.8
4.0
3.8
6.2
5.8
A
8
MBC180 - 1
0.25
0.19
0.7
0.6
1.75
1.35
1.45
1.25
detail A
1.0
0.5
0.25
0.10
0 to 8
o


Similar Part No. - BLT13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLT11 PHILIPS-BLT11 Datasheet
485Kb / 8P
   NPN 2GHz RF POWER TRANSISTOR
1995 Mar 09
More results

Similar Description - BLT13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com