Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3996SD-1525 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3996SD-1525
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3996SD-1525 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3996SD-1525 Datasheet HTML 1Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 2Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 3Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 4Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 5Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 6Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 7Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 8Page - National Semiconductor (TI) LP3996SD-1525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Connection Diagram
LLP-10 Package
20145803
See NS package number SDA10A
www.national.com
3


Similar Part No. - LP3996SD-1525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996SD-1525/NOPB TI1-LP3996SD-1525/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results

Similar Description - LP3996SD-1525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3996 TI1-LP3996_14 Datasheet
1Mb / 26P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
LP5996 TI1-LP5996 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
logo
National Semiconductor ...
LP5996 NSC-LP5996 Datasheet
870Kb / 14P
   Dual Linear Regulator with 300mA and 150mA Outputs
logo
Texas Instruments
LP5996 TI-LP5996_15 Datasheet
1Mb / 18P
[Old version datasheet]   Dual Linear Regulator with 300mA and 150mA Outputs
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI1-LP3996 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996 TI-LP3996_15 Datasheet
1Mb / 22P
[Old version datasheet]   LP3996 Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com