Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6774 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6774
Description  Automotive Micropower Linear Regulators with Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6774 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6774 Datasheet HTML 1Page - Maxim Integrated Products MAX6774 Datasheet HTML 2Page - Maxim Integrated Products MAX6774 Datasheet HTML 3Page - Maxim Integrated Products MAX6774 Datasheet HTML 4Page - Maxim Integrated Products MAX6774 Datasheet HTML 5Page - Maxim Integrated Products MAX6774 Datasheet HTML 6Page - Maxim Integrated Products MAX6774 Datasheet HTML 7Page - Maxim Integrated Products MAX6774 Datasheet HTML 8Page - Maxim Integrated Products MAX6774 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Automotive Micropower Linear Regulators
with Supervisor
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 0.1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
L/T/Z/W, SET = resistive divider, RESET
falling
VOUT x
0.9
VOUT x
0.925
VOUT x
0.950
RESET Threshold (Adjustable
Output Voltage)
M/S/Y/V, SET = resistive divider, RESET
falling
VOUT x
0.85
VOUT x
0.875
VOUT x
0.900
V
RESETIN Input Current
RESETIN = GND or 12V
-100
+100
nA
VTH = 87.5% of VSET (M/S/Y/V),
RESET falling
1.057
1.085
1.112
RESETIN Threshold
VTH = 92.5% of VSET (L/T/Z/W),
RESET falling
1.118
1.147
1.176
V
OUT to RESET Delay
VOUT falling
0.3
µs
RESETIN To RESET Delay
RESETIN falling
35
µs
D0
75
µs
D1
2.187
3.125
4.063
D2
8.75
12.5
16.25
D3
35
50
65
RESET Timeout Period (TIMEOUT
Connected to OUT)
VOUT rising
D4
140
200
260
ms
TIMEOUT Ramp Current
800
1000
1200
nA
TIMEOUT Ramp Threshold
1.160
1.22
1.259
V
VOUT ≥ 1.8V, ISINK = 50µA,
RESET asserted
0.3
RESET Output-Voltage Low
(Open Drain or Push-Pull)
VOL
VOUT ≥ 1.8V, ISINK = 3.2mA,
RESET asserted
0.4
V
RESET Output-Voltage High
(Push-Pull)
VOH
VOUT ≥ 1.8V, ISOURCE = 250µA,
RESET not asserted
0.8 x
VOUT
V
RESET Open-Drain Leakage
Current
RESET not asserted, RESET = 12V
100
nA
Watchdog Minimum Input Pulse
tWDI
1.8V ≤ VOUT ≤ 11V
1
µs
Watchdog Input Low Voltage
VIL
1.8V ≤ VOUT ≤ 11V
0.4
V
Watchdog Input High Voltage
VIH
1.8V ≤ VOUT ≤ 11V
VOUT
- 0.4V
V
Watchdog Input Low Voltage
VIL
1.8V ≤ VOUT ≤ 11V
0.4
V
Watchdog Input Current
IWDI
WDI = 0V or WDI = 12V
-1
+1
µA
Watchdog Timeout Period
tWD
1.12
1.6
2.08
s
Note 1: Production tested at TA = +25°C. Overtemperature limits are guaranteed by design.
Note 2: Device tested at internally set voltage.
Note 3: Dropout voltage for L/M versions is defined as (VIN - VOUT) when VOUT equals 98% of the nominal value of VOUT when
VIN = 11V. For T/S versions, dropout voltage is defined as (VIN - VOUT) when VOUT equals 98% of the nominal value of VOUT
when VIN = 9.3V.
Note 4: Observe the absolute maximum power dissipation limits.


Similar Part No. - MAX6774

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6774 MAXIM-MAX6774 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6774 MAXIM-MAX6774 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6774 MAXIM-MAX6774 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6774 MAXIM-MAX6774 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6774 MAXIM-MAX6774 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
More results

Similar Description - MAX6774

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com