Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2853MH-1.2 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2853MH-1.2
Description  3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2853MH-1.2 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2853MH-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 11Page - National Semiconductor (TI) LM2853MH-1.2 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Applications Information (Continued)
Since it is undesirable for the power supply to start up in
current limit, a soft-start capacitor must be chosen to force
the LM2853 to start up in a more controlled fashion based on
the charging of the soft-start capacitance. In this example,
supposea3ms start time is desired. Three time constants
are required for charging the soft-start capacitor to 95% of
the final reference voltage. So in this case RC = 1 ms. The
DAC resistor, R, is 450 k
Ω so C can be calculated to be 2.2
nF. A 2.2 nF ceramic capacitor can be chosen to yield
approximatelya3ms start-up time.
SOFT-START CAPACITOR (C
SS) AND FAULT
CONDITIONS
Various fault conditions such as short circuit and UVLO of
the LM2853 activate internal circuitry designed to control the
voltage on the soft-start capacitor. For example, during a
short circuit current limit event, the output voltage typically
falls to a low voltage. During this time, the soft-start voltage
is forced to track the output so that once the short is re-
moved, the LM2853 can restart gracefully from whatever
voltage the output reached during the short circuit event. The
range of soft-start capacitors is therefore restricted to values
1nFto50nF.
COMPENSATION
The LM2853 provides a highly integrated solution to power
supply design. The compensation of the LM2853, which is
type-three, is included on-chip. The benefit of integrated
compensation is straight-forward, simple power supply de-
sign. Since the output filter capacitor and inductor values
impact the compensation of the control loop, the range of L
O,
C
O and CESR values is restricted in order to ensure stability.
OUTPUT FILTER VALUES
Table 1 details the recommended inductor and capacitor
ranges for the LM2853 that are suggested for various typical
output voltages. Values slightly different than those recom-
mended may be used, however the phase margin of the
power supply may be degraded. For best performance when
output voltage ripple is a concern, ESR values near the
minimum of the recommended range should be paired with
capacitance values near the maximum. If a minimum output
voltage ripple solution from a 5V input voltage is desired, a
6.8 µH inductor can be paired with a 220 µF (50 m
Ω)
capacitor without degraded phase margin.
TABLE 1. Recommended L
O and CO Values
V
OUT (V)
VIN (V)
L
O (µH)
C
O (µF)
C
ESR (m
Ω)
Min
Max
Min
Max
Min
Max
0.8
5
4.7
6.8
120
220
70
100
0.8
3.3
4.7
4.7
150
220
50
100
1
5
4.7
6.8
120
220
70
100
1
3.3
4.7
4.7
150
220
50
100
1.2
5
4.7
6.8
120
220
70
100
1.2
3.3
4.7
4.7
120
220
60
100
1.5
5
4.7
6.8
120
220
70
100
1.5
3.3
4.7
4.7
120
220
60
100
1.8
5
4.7
6.8
120
220
70
120
1.8
3.3
4.7
4.7
100
220
70
120
2.5
5
4.7
6.8
120
220
70
150
2.5
3.3
4.7
4.7
100
220
80
150
3.0
5
4.7
6.8
120
220
70
150
3.0
3.3
4.7
4.7
100
220
80
150
3.3
5
4.7
6.8
120
220
70
150
www.national.com
8


Similar Part No. - LM2853MH-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2853MH-1.2/NOPB TI-LM2853MH-1.2/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
More results

Similar Description - LM2853MH-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI1-LM2853_14 Datasheet
1Mb / 20P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
[Old version datasheet]   36V, 3A 500 kHz Synchronous Buck Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Alpha & Omega Semicondu...
AOZ1057AI AOSMD-AOZ1057AI Datasheet
708Kb / 15P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com