Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE0092LCC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XE0092LCC
Description  Surface-Mount DAA Modules for Audio or Data Transfer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE0092LCC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XE0092LCC Datasheet HTML 3Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 4Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 5Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 6Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 7Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 8Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 9Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 10Page - List of Unclassifed Manufacturers XE0092LCC Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
XECOM
(7)
XE24S500
XE24S500 COMMUNICATIONS CONTROLLER
An internal micro-controller serves as the XE24S500
communications controller. This micro-controller
manages the host interface, manages the wireless
link, and formats data for the RF communications.
HOST INTERFACE
The XE24S500 has two primary system interfaces;
the serial interface and the direct sensor interface
supported by SensorOnAir™. The communications
controller manages both interfaces.
Serial Interface
The XE24S500 supports a 4-line serial interface.
Control and configuration of the transceiver takes
place through the serial interface using modem-like
AT commands. The serial data rate is configurable
from 1200 to 115.2K bits per second. The supported
serial interface signals are listed below.
TXD - Transmit Data; input for commands and for
Data to be transmitted on the wireless link.
RXD - Received Data; the output for received RF
data and responses to AT commands.
/RTS - Request to Send, hardware flow control
input. The host raises /RTS to tell the
XE24S500 to stop passing data on RXD.
/CTS - Clear to Send, is the hardware flow control
output. The XE24S500 raises /CTS to stop
data input on the TXD lead.
XE24S500 AT Command Format
Each command follows a standard command
format as described below. Commands are
accepted at data rates from 1200 to 115,200 bps.
The default serial data rate is 9600 bps and is
changed using register S23.
Command Prefix - Each command, except A/,
begins with the AT prefix. The "A" and "T" may be
either both upper case or both lower case but cannot
be of different cases. The prefix identifies parity of
the commands sent to the XE24S500 by comparing
the parity bits of the "A" and the "T" characters.
Command Line - Commands may be strung
together in a single command line of up to 30
characters. Commands in the command string are
executed in the sequence they appear. An
“ERROR” response will be issued if the command
buffer is overfilled and none of the commands will
be executed.
Omitted Parameters - Many commands include a
parameter which determines the function setting.
When the command parameter is omitted from the
command string, it is assumed to be a 0.
Result Codes - Result codes are normally issued
after each action. Result codes may be provided as
full words, numeric codes, or may be disabled.
When numeric result codes are chosen, each result
code ends with a Carriage Return. Full word result
codes are preceded and followed by a Line Feed
and Carriage Return.
Disconnect Sequence - A 3-character sequence
initiates a disconnect of the wireless link.
The
sequence “~~~” is assigned to disconnect the link.
DIRECT CONNECTION OF SENSORS
SensorOnAirpermits sensors to be connected
directly to the XE24S500 without an application
controller. The XE24S500 communications controller
controls the operation of the sensors.
Sensor I/O Lines
SensorOnAircontrols the operation of 6 I/O lines.
This includes 2 analog inputs, ADC0 and ADC1, and
4 digital I/O lines, DIO0, DIO1, DIO2, and DIO3.
ADC0 and ADC1 are connected to a 12-bit analog
to digital converter and use a 2.5 volt reference
derived from VCC as their reference voltage. The
digital I/O lines can be programmed to act as either
inputs or outputs.


Similar Part No. - XE0092LCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE0002B ETC-XE0002B Datasheet
161Kb / 8P
   DAA with 2/4 Wire Hybrid
XE0002D ETC1-XE0002D Datasheet
53Kb / 7P
   Modular DAA with 2/4 Wire Convertor
XE0017 ETC-XE0017 Datasheet
28Kb / 6P
   Low-Profile, V.34 Compatible Telephone Line Interface
XE0020 ETC-XE0020 Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
XE0020C ETC-XE0020C Datasheet
26Kb / 6P
   Telephone Line Interface with Active Line Monitoring
More results

Similar Description - XE0092LCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE056LCC ETC1-XE056LCC Datasheet
110Kb / 12P
   Surface-Mount Slim-Link DAA for 56K bps Data Transfer
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
PHOENIX CONTACT
2701182 PHOENIX-2701182 Datasheet
61Kb / 3P
   RS-485 connection for data transfer or software configuration
logo
List of Unclassifed Man...
CH1817 ETC1-CH1817 Datasheet
443Kb / 7P
   Family of Low Profile DAA Modules
logo
Clare, Inc.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com