Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6770TALD2T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6770TALD2T
Description  Automotive Micropower Linear Regulators with Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6770TALD2T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6770TALD2T Datasheet HTML 5Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 6Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 7Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 8Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 9Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 10Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 11Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 12Page - Maxim Integrated Products MAX6770TALD2T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Automotive Micropower Linear Regulators
with Supervisor
_______________________________________________________________________________________
9
Pin Description (continued)
PIN
MAX6765/
MAX6766
MAX6767/
MAX6768
MAX6769/
MAX6770
MAX6771/
MAX6772
MAX6773/
MAX6774
NAME
FUNCTION
—4
HOLD
Active-Low Regulator Hold Input. When HOLD is forced
low, OUT remains on even if ENABLE is pulled low. To
shut down the regulator, release HOLD after ENABLE is
pulled low. Connect HOLD to OUT or leave
unconnected if unused. HOLD is internally connected
to OUT through a 1.8µA current source.
6
6
6
6
SET
Feedback Input for Setting the Output Voltage. Connect
SET to GND to select the preset output voltage.
Connect to an external resistive divider for
adjustable output operation.
——
4
RESETIN
Adjustable Reset Threshold Input. Connect to a
resistive divider to set the desired threshold.
———
3
ENABLE1
Active-High Enable Input 1. Drive ENABLE1 high to turn
on the regulator. ENABLE1 is internally connected to
ground through a 0.6µA current sink.
———
4
ENABLE2
Active-High Enable Input 2. Drive ENABLE2 high to turn
on the regulator. ENABLE2 is internally connected to
ground through a 0.6µA current sink.
———
—4
WDI
Watchdog Timer Input. If WDI remains high or low for
longer than the watchdog timeout period, the
internal watchdog timer expires and the reset output
asserts for the reset timeout period. The internal
watchdog timer clears whenever a reset is asserted or
WDI sees a rising or falling edge. The watchdog timer
cannot be disabled. Do not leave WDI unconnected.
EP
EP
EP
EP
EP
Exposed Paddle. EP is internally connected to GND.
Connect EP to the ground plane to provide a low
thermal-resistance path from the IC junction to the PCB.
Do not use as the electrical connection to GND.
Detailed Description
The MAX6765–MAX6774 low-quiescent-current, high-
voltage linear regulators operate from a 4V to 72V input
voltage and deliver more than 100mA of load current.
The MAX6765–MAX6774 include an integrated µP reset
circuit that monitors the regulator output voltage and
asserts a reset output when OUT falls below a threshold
limit, and includes an internally fixed or adjustable reset
timeout using a capacitor from TIMEOUT to ground. All
devices are available in a preset output-voltage option of
+1.8V, +2.5V, +3.3V, and +5V. The output voltage of the
MAX6767–MAX6774 is adjustable from +1.8V to +11V
using a resistive divider at SET. The MAX6773/MAX6774
include a watchdog timer (WDI) with a 1.6s (typ) watch-
dog timeout period. The MAX6769/MAX6770 feature an
adjustable reset threshold using a resistive divider
between the monitored voltage, RESETIN, and GND; see
the Functional Diagrams.
The MAX6771/MAX6772 provide dual enable inputs
(ENABLE1 and ENABLE2) to turn on and off the regula-
tor either through an ignition switch or a bus transceiver.


Similar Part No. - MAX6770TALD2T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6770TALD2+T MAXIM-MAX6770TALD2+T Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
More results

Similar Description - MAX6770TALD2T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com