Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJSV-26PS001 Datasheet(PDF) 1 Page - ITT Industries

Part # MJSV-26PS001
Description  Micro Center Jackscrew
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MJSV-26PS001 Datasheet(HTML) 1 Page - ITT Industries

  MJSV-26PS001 Datasheet HTML 1Page - ITT Industries MJSV-26PS001 Datasheet HTML 2Page - ITT Industries MJSV-26PS001 Datasheet HTML 3Page - ITT Industries MJSV-26PS001 Datasheet HTML 4Page - ITT Industries MJSV-26PS001 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
39
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Micro Center Jackscrew
MJS
How to Order
The MJS jackscrew series provides a reliable interconnect for board-to-board,
board-to-cable and in-line cable-to-cable applications. Layouts accommodating
up to 76 MICROPIN/MICROSOCKETTM contacts are available, with the same
wide range of options as are offered with the other MICRO Line products offered
in this catalog.
SERIES
INSULATOR MATERIAL
CONTACT ARRANGEMENT
CONTACT TYPE
TERMINATION TYPE
TERMINATION CODES
SERIES
CONTACT TYPE
TERMINATION CODE*
MJS
26
P
H
001
*
-
TERMINATION TYPE
INSULATOR MATERIAL
B - Diallyl phthalate
V - Polyester
U - Polyetherimide
R - Polyphenylene sulfide
MJS - Micro Center Jackscrew
* See Termination Codes shown below.
P - Pin
S - Socket
(H) 001
(H) 003
(L) 1
(L) 2
- 18" , 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon,
yellow.
- 18", 7/34 strand, #26 AWG,
MIL-W-16878/4, Type E Teflon,
color coded to MIL-STD-681
System I.
- 1/2" uninsulated solid #25
AWG gold plated copper.
- 1" uninsulated solid #25 AWG
gold plated copper.
H - Insulated wire harness.
I - Integral tail (MJSV-28S only).
L - Solid - uninsulated wire.
S - Solder pot to accept #26 AWG
harness wire.
T - Thru bundle pigtail (MJSV-28P only).
Unshrounded Receptacle: 10, 26, 51, 66
Shrouded Receptacle; 10, 26, 34, 38, 42, 76
Low Profile Plug and Receptacle
(shrouded): 28
CONTACT ARRANGEMENTS
RoHS COMPLIANCE
R
Standard Wire Termination Codes
The following termination codes are listed for your information. For additional codes please refer to Appendix on page 79 and 81. All wire lengths are minimum.
Harness Type (H)
#26 AWG per MIL-W-16878/4 Type E Teflon, 7/34 stranded.
Solid Uninsulated Type (L)
#25 AWG gold plated solid copper.
Length
3 (76.2)
6 (152.4)
8 (203.2)
10 (254.0)
12 (304.8)
18 (457.2)
20 (508.0)
H 020
H 019
H 026
H 029
H 028
H 001
H 038
H 027
H 016
H 034
H 025
H 002
H 003
H 023
24 (609.6)
30 (762.0)
36 (914.4)
48 (1219.2)
72 (1828.8)
120 (3048.0)
H 009
H 010
H 011
H 013
H 017
H 042
H 004
H 005
H 006
H 048
H 046
H 041
L61
L56
L57
L39
L58
L1
L14
L2
L7
L6
L16
L10
.125 (3.18)
.150 (3.81)
.190 (4.83)
.250 (6.35)
.375 (9.53)
.500 (12.70)
.750 (19.05)
1.000 (25.40)
1.500 (38.10)
2.000 (50.80)
2.500 (63.50)
3.000 (76.20)
All Yellow
Color CodedLength
Termination
Code
Length
Termination
Code
Length
All Yellow
Color Coded
Contact Arrangements
Face view of pin-use reverse order for socket
Identification numbers are for reference only and do not appear on connectors.
*Low profile configuration
**MJSV & MJSR
10 Contacts
4
6
10
17
34
51
1
18
35
21
44
66
1
23
45
12
14
26
1
13
15
1
7
11
1
13
23
12
22
34
6
10
16
1
11
19
10
18
28
1
5
7
26 Contacts
16 Contacts**
28 Contacts**
34 Contacts
MJSV (shrouded)
66 Contacts
MJSB/MJSU (unshrouded)
51 Contacts


Similar Part No. - MJSV-26PS001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS1 BEL-MJS1 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1-R BEL-MJS1-R Datasheet
1Mb / 4P
   TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
MJS1.25 BEL-MJS1.25 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1.5 BEL-MJS1.5 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
More results

Similar Description - MJSV-26PS001

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-837021023 ULTI-MATE-SD-837021023 Datasheet
104Kb / 1P
   MICRO STRIP CONNECTOR, SR02P3-L05, CENTER JACKSCREW HOLE
3/2/21
SD-837032913 ULTI-MATE-SD-837032913 Datasheet
215Kb / 1P
   MICRO STRIP CONNECTOR, SOCKET, CENTER JACKSCREW, SR03S3-32F5-18.0
12/24/19
SD-837031916 ULTI-MATE-SD-837031916 Datasheet
191Kb / 1P
   MICRO STRIP CONNECTOR, PIN, CENTER JACKSCREW HOLE, SR03P3-32F5-18.0
12/24/19
SD-837022913 ULTI-MATE-SD-837022913 Datasheet
122Kb / 1P
   MICRO STRIP CONNECTOR, RECEPTACLE, SIZE 2 W/CENTER JACKSCREW, SR02S3-32F5-18.0
06/20/2017
SD-837111223 ULTI-MATE-SD-837111223 Datasheet
139Kb / 1P
   MICRO STRIP CONNECTOR, 11 PIN, CENTER JACKSCREW HOLE, L04 LEADS, SR11P3-L04
10/3/13
SD-837032003 ULTI-MATE-SD-837032003 Datasheet
39Kb / 1P
   Micro Strip Solder Cup 3 Socket Center Jackscrew (screw on socket side) Plastic Shell 125 Max Temp No QPL
12-19-05
logo
Glenair, Inc.
249-033 GLENAIR-249-033 Datasheet
112Kb / 1P
   Jackscrew/Jackpost Kits
logo
Harwin Plc
M80-9410605 HARWIN-M80-9410605 Datasheet
113Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-47506050605 HARWIN-M80-47506050605 Datasheet
186Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-5610405 HARWIN-M80-5610405 Datasheet
74Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com