Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM64YLB36514BP-6H Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HM64YLB36514BP-6H
Description  16M Synchronous Late Write Fast Static RAM (512-kword36-bit, Register-Latch Mode)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM64YLB36514BP-6H Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HM64YLB36514BP-6H Datasheet HTML 3Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 4Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 5Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 6Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 7Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 8Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 9Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 10Page - Renesas Technology Corp HM64YLB36514BP-6H Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
HM64YLB36514 Series
Rev.0.10, May.15.2003, page 7 of 22
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Notes
Input voltage on any pin
V
IN
−0.5 to V
DDQ + 0.5
V
1, 4
Core supply voltage
V
DD
−0.5 to +3.13
V
1
Output supply voltage
V
DDQ
−0.5 to +2.1
V
1, 4
Operating temperature
T
OPR
0 to +85
°C
Storage temperature
T
STG
−55 to +125
°C
Output short-circuit current
I
OUT
25
mA
Latch up current
I
LI
200
mA
Package junction to top thermal resistance
θJ-top
6.5
°C/W 5
Package junction to board thermal resistance
θJ-board
12
°C/W 5
Notes: 1. All voltage is referenced to V
SS.
2. Permanent device damage may occur if absolute maximum ratings are exceeded. Functional
operation should be restricted the operation conditions. Exposure to higher voltages than
recommended voltages for extended periods of time could affect device reliability.
3. These CMOS memory circuits have been designed to meet the DC and AC specifications
shown in the tables after thermal equilibrium has been established.
4. The following supply voltage application sequence is recommended: V
SS, VDD, VDDQ, VREF then VIN.
Remember, according to the absolute maximum ratings table, V
DDQ is not to exceed 2.1 V,
whatever the instantaneous value of V
DDQ.
5. See figure below.
θJ-top
Thermocouple
Thermo grease
Water
Cold plate
SRAM
Teflon block
JEDEC/2S2P
BGA
Thermal board
Thermocouple
Thermo grease
Water
Cold plate
SRAM
Teflon block
JEDEC/2S2P
BGA
Thermal board
θJ-board
Water
Water


Similar Part No. - HM64YLB36514BP-6H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM64YLB36514 RENESAS-HM64YLB36514_15 Datasheet
218Kb / 24P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
More results

Similar Description - HM64YLB36514BP-6H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM64YLB36514 RENESAS-HM64YLB36514_15 Datasheet
218Kb / 24P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36512 RENESAS-HM64YLB36512_15 Datasheet
395Kb / 33P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512 Datasheet
360Kb / 31P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100_15 Datasheet
232Kb / 23P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD44323362 NEC-UPD44323362 Datasheet
252Kb / 28P
   32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com