Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE5690SM Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XE5690SM
Description  Compact, Low-Cost Global Embedded Modem
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE5690SM Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XE5690SM Datasheet HTML 1Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 2Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 3Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 4Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 5Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 6Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 7Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 8Page - List of Unclassifed Manufacturers XE5690SM Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XECOM
(5)
XE900S-500
XE900S-500 PIN CONFIGURATION
GND
1
VCC
2
/TXD
3
/RXD
4
/CTS
5
/RTS
6
DIO3
7
DIO2
8
DIO1
9
DIO0
10
ADC1
11
ADC0
12
SIGNAL
PINS
DESCRIPTION
Ground
1
Common voltage reference for the XE900S-500.
VCC
2
3.3 Volt power for the XE900S-500.
/TXD
3
Transmit Data is the data input to the XE900S-500
/RXD
4
Received Data is the data output from the XE900S-500.
/CTS
5
Clear to Send provides hardware flow control from the XE900S-500. The XE900S-500
drives /CTS high to signal the host to temporarily stop the flow of data on the /TXD.
/RTS
6
Request to Send provides hardware flow control from the host system. The host system
drives /RTS high to signal the XE900S-500 to temporarily stop the flow of data on /RXD.
DIO3
7
DIO3 may be programmed as either a digital input or digital output. It connects directly to
the communications controller in the XE900S-500.
DIO2
8
DIO2 may be programmed as either a digital input or digital output. It connects directly to
the communications controller in the XE900S-500.
DIO1
9
DIO1 may be programmed as either a digital input or digital output. It connects directly to
the communications controller in the XE900S-500.
DIO0
10
DIO0 may be programmed as either a digital input or digital output. It connects directly to
the communications controller in the XE900S-500.
ADC1
11
Analog Input 1 to the XE900S-500 communications controller. ADC1 connects to an
internal 12-bit Analog to Digital Convertor. ADC0 may also be configured as a digital
input if no analog inputs are required.
ADC0
12
Analog Input 0 to the XE900S-500 communications controller. ADC0 connects to an
internal 12-bit Analog to Digital Convertor. ADC0 may also be configured as a digital
input if no analog inputs are required.
XE900S-500
Top View


Similar Part No. - XE5690SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690G ETC1-XE5690G Datasheet
70Kb / 16P
   Worldst Smallest Complete V.90 Modem
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
More results

Similar Description - XE5690SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE5690H ETC1-XE5690H Datasheet
70Kb / 16P
   Half-Size, Low-Cost Global Embedded Modem
XE5692H ETC1-XE5692H Datasheet
264Kb / 22P
   Half-Size, Low-Cost Global Embedded Modem
logo
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
logo
List of Unclassifed Man...
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
   Compact 56 KBPS Modem Module for Embedded Applications
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
logo
rfsolutions.ltd
FM-232C-433 RFSOLUTIONS-FM-232C-433 Datasheet
74Kb / 6P
   RS232 LOW COST RF MODEM
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com