Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IE0303S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IE0303S
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IE0303S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IE0303S Datasheet HTML 1Page - List of Unclassifed Manufacturers IE0303S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Input Voltage
±10%
Input Reflected Noise •
100mV pk-pk max
(20 MHz) BW
Output
Output Voltage
±5%
Accuracy
Output Ripple & Noise •
100 mV pk-pk max
(20 MHz BW)
Line Regulation
1.2%/1% of Vin
Load Regulation
±10% or ±15% for 3.3 V output model
(20% to 100% Load)
General
Efficiency
At full load 9 V, 12 V & 15 V
outputs 80% typical
At full load 3.3 V & 5 V outputs
70% typical
Short Circuit
1 second max
Protection
Environmental
Input Output Isolation •
1000 VDC/ 3000 VDC min
Temperature
0.03%/°C max
Coefficient
Operating
-40 °C to +85 °C
Temperature Range
Storage
-55 °C to +125 °C
Temperature Range
1 Watt
IE Series
DC/DC Converters
Specification
Intelligent Design Quality Product
XPiQ inc.
0.12 in2 Board Space
80% Efficiency
22 Watts per in3
3.3, 5, 12, 24 and 48 VDC Inputs
1000/3000 VDC Isolation
Industry Standards Pinouts
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xpiq.com
Holliston, MA 01746 USA
www.XPiQ.com
IE.qxd
6/6/03
4:18 pm
Page 1


Similar Part No. - IE0303S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IE0303S XPPOWER-IE0303S Datasheet
47Kb / 1P
   DC-DC Power Supplies
IE0303S XPPOWER-IE0303S Datasheet
188Kb / 1P
   Single Output
IE0303S XPPOWER-IE0303S Datasheet
105Kb / 1P
   1 Watt IE Series
IE0303S XPPOWER-IE0303S Datasheet
105Kb / 1P
   Single Output
IE0303S XPPOWER-IE0303S Datasheet
54Kb / 1P
   Single Output
More results

Similar Description - IE0303S

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com