Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NE-210TL Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3NE-210TL
Description  Compact, Low-cost, SSR Switching 5 to 20 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NE-210TL Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3NE-210TL Datasheet HTML 1Page - Omron Electronics LLC G3NE-210TL Datasheet HTML 2Page - Omron Electronics LLC G3NE-210TL Datasheet HTML 3Page - Omron Electronics LLC G3NE-210TL Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J-18
Solid-state Relay
G3NE
Output
Note: 1. The load current varies depending on the ambient temperature. Refer to Load Current vs. Ambient Temperature under Engineering Data
for details.
2. These values apply when using a dedicated radiator or a radiation plate of specified size.
I Characteristics
Engineering Data
Load Current vs. Ambient Temperature
Model
Applicable load
Rated load voltage
Load voltage range
Load current
(See note 1.)
Inrush current
With heat sink
Without heat sink
G3NE-205T(L)-(-2)(US)
100 to 240 VAC
75 to 264 VAC
0.1 to 5 A
0.1 to 5 A
60 A (60 Hz, 1 cycle)
G3NE-210T(L)-(-2)(US)
0.1 to 10 A
(See note 2.)
0.1 to 5 A
150 A (60 Hz, 1 cycle)
G3NE-220T(L)-(-2)(US)
0.1 to 20 A
(See note 2.)
0.1 to 5 A
220 A (60 Hz, 1 cycle)
Item
G3NE-2
@@T-(-2)(US)
G3NE-2
@@TL-(-2)(US)
Operate time
1/2 of load power source cycle + 1 ms max.
1 ms max.
Release time
1/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.6 V (RMS) max.
Leakage current
2 mA max. (at 100 VAC)
5 mA max. (at 200 VAC)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Ambient temperature
Operating: –30
°C to 80°C (with no icing or condensation)
Storage:
–30
°C to 100°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Approved standards
(only for -US models)
UL508 File No.E64562/CSA C22.2 (No.0, No.14) File No. LR35535
TÜV R9051064 (VDE0435) (EN60950)
Weight
Approx. 37 g
G3NE-205T(L)-(-2)(US)
G3NE-210T(L)-(-2)(US)
G3NE-220T(L)-(-2)(US)
Ambient temperature (
°C)
Ambient temperature (
°C)
Ambient temperature (
°C)
Without heat sink
Without heat sink
Without heat sink
With standard heat sink (Y92B-N50)
or aluminum plate measuring 100 mm
x 100 mm x t2 mm (W x H x D)
With standard heat sink (Y92B-N100) or
aluminum plate measuring 300 mm x
300 mm x t3 mm (W x H x D)


Similar Part No. - G3NE-210TL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE-210TL-US OMRON-G3NE-210TL-US Datasheet
452Kb / 8P
   Solid State Relays
More results

Similar Description - G3NE-210TL

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
American Zettler, Inc.
AZ978 AZETTLER-AZ978 Datasheet
230Kb / 2P
   Up to 20 Amp switching capability in a compact size
logo
STI Vibration Monitorin...
CMCP1300T STI-CMCP1300T Datasheet
613Kb / 2P
   Low-Cost Compact Triaxial Accelerometer
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
logo
Omron Electronics LLC
G3CN OMRON-G3CN Datasheet
58Kb / 4P
   Low-cost, PCB-mounting SSR for FA Equipment Requiring High Reliability
logo
celduc-relais
SCFL42100 CELDUC-SCFL42100 Datasheet
627Kb / 3P
   LOW NOISE SSR
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
Abracon Corporation
ASVM ABRACON-ASVM Datasheet
3Mb / 3P
   Low Cost-Compact QFN Plastic Packaging
04.30.15
logo
Cirrus Logic
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
   Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com