Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM25LV512 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM25LV512
Description  512 K (64K x 8) Bits Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV512 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM25LV512 Datasheet HTML 2Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 3Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 9Page - ELAN Microelectronics Corp EM25LV512 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
EM25LV512
512 K (64K x 8) Bits Serial Flash Memory
SPECIFICATION
Status Register
The Status Register contains a number of status and control bits that can be read or set by
specific instructions. Refer to Table 3 below for details.
BUSY Bit
The (BUSY) bit is a read only bit in the status register, which is set to “1” state when the device
is executing the Write Status Register, Program, or Erase cycle while the device ignores
further instructions except for the Read Status Register instruction. When the Program,
Erase, or Write Status Register instruction is completed, the (BUSY) bit will be cleared to “0”
state indicating the device is ready for further instructions.
WEL Bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
When setting to “1,” the internal Write Enable Latch is set. When setting to “0,” the internal
Write Enable Latch is reset and no Write Status Register, Program, nor Erase instruction is
accepted.
BP1, BP0 Bits
The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program and Erase instructions. These bits are written with the
Write Status Register (WRSR) instruction. When one or both of the Block Protect (BP1, BP0)
bits is set to “1”, the relevant memory area, as defined in Table 4, becomes protected against
Page Program (PP) and Block Erase (BE) instructions. The Block Protect (BP1, BP0) bits can
be written provided that the Hardware Protected mode has not been set. The Chip Erase
(CE) instruction is executed if, and only if, both Block Protect (BP1, BP0) bits are set to “0.”
SRWD Bit
The Status Register Write Disable (SRWD) bit is operated in conjunction with the Write
Protect (W#) signal. The Status Register Write Disable bit and Write Protect signal allow the
device to be located in the Hardware Protected mode (when the Status Register Write Disable
(SRWD) bit is set to “1,” and Write Protect (W#) is driven Low). In this mode, the non-volatile
bits of the Status Register (SRWD, BP1, and BP0) become read-only bits and the Write Status
Register (WRSR) instruction is no longer accepted for execution.
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 6 of 30


Similar Part No. - EM25LV512

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25KGBS EMC-EM25LV010-25KGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25MS EMC-EM25LV010-25MS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RKGBS EMC-EM25LV010-25RKGBS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
EM25LV010-25RMS EMC-EM25LV010-25RMS Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
More results

Similar Description - EM25LV512

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040 WINBOND-W39L040 Datasheet
334Kb / 27P
   512 K X 8 CMOS FLASH MEMORY
logo
Eon Silicon Solution In...
EN29F512 EON-EN29F512 Datasheet
429Kb / 35P
   512 Kbit (64K x 8-bit) 5V Flash Memory
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
   MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
logo
Winbond
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Samsung semiconductor
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
SPANSION
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Samsung semiconductor
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com