Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCL-101D1SPL000 Datasheet(PDF) 4 Page - Tyco Electronics

Part # PCL-101D1SPL000
Description  3A, 5A, 10A, 15A General Purpose Miniature Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCL-101D1SPL000 Datasheet(HTML) 4 Page - Tyco Electronics

  PCL-101D1SPL000 Datasheet HTML 1Page - Tyco Electronics PCL-101D1SPL000 Datasheet HTML 2Page - Tyco Electronics PCL-101D1SPL000 Datasheet HTML 3Page - Tyco Electronics PCL-101D1SPL000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
716
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Coil Temperature Rise
Operate Time
70
Coil Voltage (% of Rated Nominal)
DC
80
90
100
110
120
130
30
35
20
15
10
5
Operate Time
35
Release Time
DC
DC
AC
AC
100
80
60
40
20
0.8
1.2
1.6
2.0
2.4
Coil Power (W,VA)
AC
0.4
Wiring Diagrams (Bottom Views)
PCL 4c type
PCL 2c type
PCL 4a type
PCL 2a type
PCLH 2c type
PCLH 1c type
PCLH 2a type
PCLH 1a type
PC Board Layouts (Bottom Views)
PCL 4pole type
PCL 4pole type
PCLH type
1.08
(27.5)
.83
(21.2)
.520
(13.2)
.248
(6.3)
.252
(6.4)
.500
(12.7)
.661
(16.8)
.173
(4.4)
14 – .059 DIA
(1.5)
1.08
(27.5)
.520
(13.2)
.83
(21.2)
.248
(6.3)
.252
(6.4)
.500
(12.7)
.661
(16.8)
8 – .079 DIA
(2.0)
.571
(14.5)
.83
(21.2)
.173
(4.4)
.236
(6.0)
.287
(7.3)
.520
(13.2)
.705
(17.9)
8 – .098 DIA
(2.5)
Reference Data
Sockets
For PCL socket information refer to KH series sockets (page 712).
For PCLH socket information refer to K10 series sockets (page 722).


Similar Part No. - PCL-101D1SPL000

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCL-1010B ADVANTECH-PCL-1010B Datasheet
97Kb / 1P
   Cable Accessories
PCL-1010B-1 ADVANTECH-PCL-1010B-1 Datasheet
143Kb / 1P
   Cable Accessories
PCL-1010B-1E ADVANTECH-PCL-1010B-1E Datasheet
184Kb / 1P
   4-ch, 24-bit, 256kS/s/ch, DSA iDAQ Module
25-Aug-2021
PCL-1010B-1E ADVANTECH-PCL-1010B-1E Datasheet
213Kb / 1P
   4-slot USB 3.0 Industrial DAQ Chassis Module
25-Aug-2021
PCL-1010B-1E ADVANTECH-PCL-1010B-1E Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
More results

Similar Description - PCL-101D1SPL000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
   V3 type microswitches 5A, 10A and 15A
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com