Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJSB-10PH003 Datasheet(PDF) 3 Page - ITT Industries

Part # MJSB-10PH003
Description  Micro Center Jackscrew
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MJSB-10PH003 Datasheet(HTML) 3 Page - ITT Industries

  MJSB-10PH003 Datasheet HTML 1Page - ITT Industries MJSB-10PH003 Datasheet HTML 2Page - ITT Industries MJSB-10PH003 Datasheet HTML 3Page - ITT Industries MJSB-10PH003 Datasheet HTML 4Page - ITT Industries MJSB-10PH003 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
41
www.ittcannon.com
Micro Center Jackscrew
MJS
Shrouded Receptacle (42)
+
MJSR-42P
A
1.322
(33.58)
REF.
.125
(3.18)
TYP.
CAV. #1
.075
(1.91)
TYP.
#1 (.073) - 64 UNC-2B
THREADED INSERT
.035 (0.89)
.015 (0.38)
TYP.
B
C
D
CAV. #31
.100
(2.54)
TYP.
.297
(7.54)
REF.
.420
(10.67)
MAX.
CAV #42
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
A
1.328
(33.73)
REF.
.125
(3.18)
TYP.
.100
(2.54)
TYP.
CAV
# 1
CAV. 42
1/16 SOCKET HEAD JACKSCREW
#1 (.073 - 64 UNC - 2A THREAD
C
.131 (3.33)
.121 (3.07)
TYP
B
.145 (3.68)
DIA. MAX.
.108
(2.74)
MAX.
.075 (1.91)
TYP.
.303
(7.70)
REF.
.420
(10.67)
MAX.
MJSR-42S
Part Number
A
Max.
B
Max.
C
Ref.
D
±.006 (0.15)
MJSR-42P
MJSR-42S
1.445 (36.70)
1.445 (36.70)
.345 (8.76)
.357 (9.07)
1.250 (31.75)
1.250 (31.75)
.142 (3.61)
-
STANDARD MATERIALS AND FINISHES
Micropin
Microsocket
Insulator
Jackscrew
Retainer, Jackscrew
Insert, Threaded
Copper alloy, 50 miro-inch gold
Copper alloy, 50 micro-inch gold
Polyphenylene sulfide, black color
Stainless steel, passivated
Stainless steel, passivated
Stainless steel, passivated
Dimensions shown in inch (mm)
Specifications and dimensions subject to change


Similar Part No. - MJSB-10PH003

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MJS1 BEL-MJS1 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1-R BEL-MJS1-R Datasheet
1Mb / 4P
   TYPE MJS LIGHTNING SURGE WITHSTAND FUSE
MJS1.25 BEL-MJS1.25 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS1.5 BEL-MJS1.5 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
MJS100 BEL-MJS100 Datasheet
89Kb / 2P
   Lightning Surge Withstand Fuse
More results

Similar Description - MJSB-10PH003

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-837021023 ULTI-MATE-SD-837021023 Datasheet
104Kb / 1P
   MICRO STRIP CONNECTOR, SR02P3-L05, CENTER JACKSCREW HOLE
3/2/21
SD-837032913 ULTI-MATE-SD-837032913 Datasheet
215Kb / 1P
   MICRO STRIP CONNECTOR, SOCKET, CENTER JACKSCREW, SR03S3-32F5-18.0
12/24/19
SD-837031916 ULTI-MATE-SD-837031916 Datasheet
191Kb / 1P
   MICRO STRIP CONNECTOR, PIN, CENTER JACKSCREW HOLE, SR03P3-32F5-18.0
12/24/19
SD-837022913 ULTI-MATE-SD-837022913 Datasheet
122Kb / 1P
   MICRO STRIP CONNECTOR, RECEPTACLE, SIZE 2 W/CENTER JACKSCREW, SR02S3-32F5-18.0
06/20/2017
SD-837111223 ULTI-MATE-SD-837111223 Datasheet
139Kb / 1P
   MICRO STRIP CONNECTOR, 11 PIN, CENTER JACKSCREW HOLE, L04 LEADS, SR11P3-L04
10/3/13
SD-837032003 ULTI-MATE-SD-837032003 Datasheet
39Kb / 1P
   Micro Strip Solder Cup 3 Socket Center Jackscrew (screw on socket side) Plastic Shell 125 Max Temp No QPL
12-19-05
logo
Glenair, Inc.
249-033 GLENAIR-249-033 Datasheet
112Kb / 1P
   Jackscrew/Jackpost Kits
logo
Harwin Plc
M80-9410605 HARWIN-M80-9410605 Datasheet
113Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-47506050605 HARWIN-M80-47506050605 Datasheet
186Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
M80-5610405 HARWIN-M80-5610405 Datasheet
74Kb / 1P
   JACKSCREW DATAMATE DIL CRIMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com