Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3648 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EC3648
Description  PS2 KEYBOARD CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EC3648 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EC3648 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 9Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 10Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 11Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 12Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 13Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 14Page - List of Unclassifed Manufacturers EC3648 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
PS2 KEYBOARD CONTROLLER
EC3648
Preliminary
Rev 01
Page 11 of 21
scan code set 2
Key Number
And Symbol
Make/Break code
Key Number
and Symbol
Make/Break code
1
~
`
0E/F0 0E
47
X
22/F0 22
2
!
1
16/F0 16
48
C
21/F0 21
3
@
2
1E/F0 1E
49
V
2A/F0 2A
4
#
3
26/F0 26
50
B
32/F0 32
5
$
4
25/F0 25
51
N
31/F0 31
6
%
5
2E/F0 2E
52
M
3A/F0 3A
7
^
6
36/F0 36
53
<
,
41/F0 41
8
&
7
3D/F0 3D
54
>
.
49/F0 49
9
*
8
3E/F0 3E
55
?
/
4A/F0 4A
10
(
9
46/F0 46
57
Shift(R)
59/F0 59
11
)
0
45/F0 45
58
Ctrl(L)
14/F0 14
12
_
-
4E/F0 4E
60
Alt(L)
11/F0 11
13
+
=
55/F0 55
61
Space
29/F0 29
14
6A/F0 6A
62
Alt(R)
E0 11/E0 F0 11
15
Back Space
66/F0 66
64
Ctrl(R)
E0 14/E0 F0 14
16
Tab
0D/F0 0D
90
Num Lock
77/F0 77
17
Q
15/F0 15
91
7
Home
6C/F0 6C
18
W
1D/F0 1D
92
4
6B/F0 6B
19
E
24/F0 24
93
1
End
69/F0 69
20
R
2D/F0 2D
96
8
75/F0 75
21
T
2C/F0 2C
97
5
73/F0 73
22
Y
35/F0 35
98
2
72/F0 72
23
U
3C/F0 3C
99
0
Ins
70/F0 70
24
I
43/F0 43
100
*
7C/F0 7C
25
O
44/F0 44
101
9
PgUp
7D/F0 7D
26
P
4D/F0 4D
102
6
74/F0 74
27
{
[
54/F0 54
103
3
PgDn
7A/F0 7A
28
}
]
5B/F0 5B
104
.
Del
71/F0 71
*29
|
\
5D/F0 5D
105
-
7B/F0 7B
30
Caps Lock
58/F0 58
106
+
79/F0 79
31
A
1C/F0 1C
107
6D/F0 6D
32
S
1B/F0 1B
108
Enter
E0 5A/E0 F0 5A
33
D
23/F0 23
110
ESC
76/F0 76
34
F
2B/F0 2B
112
F1
05/F0 05
35
G
34/F0 34
113
F2
06/F0 06
36
H
33/F0 33
114
F3
04/F0 04
37
J
3B/F0 3B
115
F4
0C/F0 0C
38
K
42/F0 42
116
F5
03/F0 03
39
L
4B/F0 4B
117
F6
0B/F0 0B
40
:
;
4C/F0 4C
118
F7
83/F0 83
41
52/F0 52
119
F8
0A/F0 0A
**42
|
\
5D/F0 5D
120
F9
01/F0 01


Similar Part No. - EC3648

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3645-30.000M ECLIPTEK-EC3645-30.000M Datasheet
208Kb / 3P
   OSCILLATOR
EC3645-30.000MTR ECLIPTEK-EC3645-30.000MTR Datasheet
208Kb / 3P
   OSCILLATOR
EC3645-30000M ECLIPTEK-EC3645-30000M Datasheet
208Kb / 3P
   OSCILLATOR
EC3645-30000MTR ECLIPTEK-EC3645-30000MTR Datasheet
208Kb / 3P
   OSCILLATOR
EC3645ET-30.000M ECLIPTEK-EC3645ET-30.000M Datasheet
208Kb / 3P
   OSCILLATOR
More results

Similar Description - EC3648

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTP805 ETC1-MTP805 Datasheet
125Kb / 15P
   8051 Embedded USB/PS2 Keyboard/Mouse Controller
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868A ETC-NT6868A Datasheet
205Kb / 14P
   Keyboard Controller
logo
Winbond
W83C43 WINBOND-W83C43 Datasheet
264Kb / 21P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
STMicroelectronics
STEVAL-ILL033V1 STMICROELECTRONICS-STEVAL-ILL033V1 Datasheet
322Kb / 6P
   Control unit with PS2 keyboard interface for data entry
October 2011 Rev 1
logo
Holtek Semiconductor In...
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
logo
List of Unclassifed Man...
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com