Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM25LV010-25KGBS Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM25LV010-25KGBS
Description  1 Megabit (128K x 8) Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV010-25KGBS Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM25LV010-25KGBS Datasheet HTML 1Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 2Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 3Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 4Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV010-25KGBS Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
EM25LV010
1 Megabit (128K x 8) Serial Flash Memory
SPECIFICATION
Pin Assignments
1
2
3
4
5
6
7
8
S#
Q
W#
VSS
VCC
HOLD#
C
D
SO8
Top View
Figure 0: Pin Assignments
Pin Description
Pin Name
Function
C
Serial Clock
1
D
Serial Data Input
2
Q
Serial Data Output
3
S#
Chip Select
4
W#
Write Protect
5
Hold#
Hold
6
VDD
Supply Voltage
VSS
Ground
Table 1: Pin Description
1 Serial Clock (C):
This input pin provides the timing for serial input and output operations. Instructions,
addresses, or data present at Serial Data Input (D) are latched on the rising edge of Serial
Clock (C). Data on Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2 Serial Data Input (D):
This input pin provides a means for instructions, addresses, and data to be serially written to
the device. Data is latched on the rising edge of Serial Clock (C).
3 Serial Data Output (Q):
This output pin provides a means for data and status to be serially read from the device. Data
is shift out on the falling edge of Serial Clock (C).
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 2 of 30


Similar Part No. - EM25LV010-25KGBS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25KGBS EMC-EM25LV512-25KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25MS EMC-EM25LV512-25MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33KGBS EMC-EM25LV512-33KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33MS EMC-EM25LV512-33MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
More results

Similar Description - EM25LV010-25KGBS

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com