Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM25LV010-33RKGBS Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM25LV010-33RKGBS
Description  1 Megabit (128K x 8) Serial Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM25LV010-33RKGBS Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM25LV010-33RKGBS Datasheet HTML 5Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 6Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 7Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 8Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 9Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 10Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 11Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 12Page - ELAN Microelectronics Corp EM25LV010-33RKGBS Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
EM25LV010
1 Megabit (128K x 8) Serial Flash Memory
SPECIFICATION
If Chip Select (S#) goes High while the device is in the Hold condition, the internal logic of the
device will be reset. To restart communication with the device, it is necessary to drive Hold
(HOLD#) to High, and then drive Chip Select (S#) to Low. This prevents the device from
going back to the Hold condition.
Write Protect
The EM25LV010 offers the following data protection mechanism features to prevent
inadvertent write from noisy environment:
Power-On Reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification.
Program, Erase, and Write Status Register instructions consisting of a number of clock
pulses in multiple of eight, will be checked before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN) instruction
to set the Write Enable Latch (WEL) bit.
This bit is returned to its reset state by the
following events:
Power-up
Write Disable (WRDI) instruction completion
Write Status Register (WRSR) instruction completion
Page Program (PP) instruction completion
Block Erase (BE) instruction completion
Chip Erase (CE) instruction completion
The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-only.
This is the Software Protected Mode (SPM).
The Write Protect (W#) signal, in collaboration with the Status Register Write Disable
(SRWD) bit, allows the Block Protect (BP1, BP0) bits and Status Register Write Disable
(SRWD) bit to be write-protected.
This is the Hardware Protected Mode (HPM).
In addition to the low power consumption feature, the Deep Power-down mode offers
extra software protection from inadvertent Write from Program and Erase because all
instructions are ignored except one particular instruction (the Release from Deep Power
down instruction).
The protection features of the device are summarized in the following table (Table 6).
When the Status Register Write Disable (SRWD) bit of the Status Register is set at “0” (its
initial delivery state), it is possible to write to the Status Register provided that the Write
Enable Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction,
regardless of whether Write Protect (W#) is driven High or Low.
This specification is subject to change without further notice. (11.08.2004 V1.0)
Page 9 of 30


Similar Part No. - EM25LV010-33RKGBS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25KGBS EMC-EM25LV512-25KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-25MS EMC-EM25LV512-25MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33KGBS EMC-EM25LV512-33KGBS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
EM25LV512-33MS EMC-EM25LV512-33MS Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
More results

Similar Description - EM25LV010-33RKGBS

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com