Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W201132C805AQ Datasheet(PDF) 1 Page - ITT Industries

Part # W201132C805AQ
Description  4 & 6 Tumbler Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W201132C805AQ Datasheet(HTML) 1 Page - ITT Industries

  W201132C805AQ Datasheet HTML 1Page - ITT Industries W201132C805AQ Datasheet HTML 2Page - ITT Industries W201132C805AQ Datasheet HTML 3Page - ITT Industries W201132C805AQ Datasheet HTML 4Page - ITT Industries W201132C805AQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Models Available
C&K W Series
4 & 6 Tumbler Switchlocks
M
M–44
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Typical Applications
Business machines
Point-of-sale terminals
Computers
Features/Benefits
International listings
Quick connect termination
Wire leads and harnesses available
Specifications
CONTACT RATING: 4 AMPS @ 125 V AC; 2 AMPS @ 250 V AC
(UL/CSA). 2 AMPS @ 125 V AC; 1 AMP @ 250 V AC T65 (VDE).
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
INDEXING: 45º, 2-4 positions. 90º, 2 positions.
Materials
LOCK: Zinc alloy with with stainless steel facing
(4 tumbler single bitted lock and 6 tumbler tubular lock).
KEYS: Two nickel plated brass keys with code number (4 tumbler lock).
Two die cast chrome plated zinc alloy keys (6 tumbler lock).
SWITCH HOUSING: Glass filled 6/6 nylon (UL 94V-0).
CONTACTS & TERMINALS: Copper, silver plated.
MOUNTING NUT: Zinc alloy
LOCKING RING: 6/6 nylon (UL 94V-2).
NOTE: Any models supplied with Q contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switchlocks with standard options.
For information on specific and custom switchlocks, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages M–45 thru M–47. For additional options not shown in catalog, consult Customer Service Center.
Switch and Lock Function
W20113 DP, 90º Index, keypull pos. 1
W20013 DP, 45° Index, keypull pos. 1
W10113 SP, 90º Index, keypull pos. 1
W1011U SP, 90° Index, keypull pos. 1 & 2
Key Color
NONE Nickel plated brass (4 tumbler) or
chrome plated zinc alloy (6 tumbler)
2
Black
Keying
2
Two nickel plated brass keys
(4 tumbler) or two die cast zinc alloy
keys with chrome plating (6 tumbler)
T One nickel plated brass key with
plastic insert molded square head
and one nickel plated brass key
Lock Finish
2
Stainless steel facing
(With 6 tumbler lock) Stainless steel facing
8
Gloss black facing
Terminations
05 Quick connect
WC Wire lead
Mounting/Lock Style
A With nut
Contact Material
Q Silver
Lock Type
C 4 Tumbler lock with detent
V 6 Tumbler tubular lock
with snap-on switch


Similar Part No. - W201132C805AQ

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W2012F670-RD-10 SUPERWORLD-W2012F670-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
W2012F900-RD-10 SUPERWORLD-W2012F900-RD-10 Datasheet
428Kb / 9P
   WIREWOUND TYPE COMMON MODE FILTER
More results

Similar Description - W201132C805AQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com