Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W1011U2C805AQ Datasheet(PDF) 3 Page - ITT Industries

Part # W1011U2C805AQ
Description  4 & 6 Tumbler Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W1011U2C805AQ Datasheet(HTML) 3 Page - ITT Industries

  W1011U2C805AQ Datasheet HTML 1Page - ITT Industries W1011U2C805AQ Datasheet HTML 2Page - ITT Industries W1011U2C805AQ Datasheet HTML 3Page - ITT Industries W1011U2C805AQ Datasheet HTML 4Page - ITT Industries W1011U2C805AQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
C&K W Series
4 & 6 Tumbler Switchlocks
KEYING
LOCK TYPE
LOCK FINISH
M
M–46
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
1.635
(41,52)
.775
(19,68)
NICKEL PLATED BRASS KEY
.798
(20,26)
Key part number:
115140126
.948
(24,07)
1.766
(44,85)
NICKEL PLATED BRASS KEY WITH
PLASTIC INSERT MOLDED SQUARE HEAD
.775
(19,68)
Key part number: 11599112602
1.289
(32,74)
.902
(22,91)
.871
(22,12)
Code number
on opposite
side of key.
CHROME PLATED ZINC ALLOY KEY
Key part number: 363C1AAAA
8
GLOSS BLACK FACING
2
STAINLESS STEEL FACING
V
6 TUMBLER TUBULAR LOCK
C
4 TUMBLER LOCK WITH ADDED DETENT
KEYING
KEY COLOR
Available with
V lock type only.
NOTE: All orders keyed alike, standard. For more than one key code, replacement keys,
or other special features, consult Customer Service Center.
NO
YES
1 NICKEL PLATED BRASS KEY WITH
PLASTIC INSERT MOLDED SQUARE
HEAD & 1 NICKEL PLATED BRASS KEY
T
NO
YES
2 NICKEL PLATED BRASS KEYS
(4 TUMBLER)) OR 2 DIE CAST CHROME
PLATED ZINC ALLOY KEYS (6 TUMBLER)
2
CODE NO.
ON LOCK
CODE NO.
ON KEY
KEY OPTIONS
OPTION
CODE
BLACK
2
NICKEL PLATED BRASS
(4 TUMBLER) OR CHROME
PLATED ZINC ALLOY (6 TUMBLER)
NONE
KEY COLOR
OPTION
CODE
NOTE: Key head shape subject to change without notice.
3/4 24 UNS THD.
MOUNTING NUT
INCLUDED
LOCKING RING
.195
(4,95)
1.734
(44,04)
.360
(9,14)
.270 TYP
(6,86)
.110 X .032 TYP
(2,79) X (0,81)


Similar Part No. - W1011U2C805AQ

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
W1010 PULSE-W1010 Datasheet
663Kb / 2P
   Wireless External Antenna for 2.4 GHz Application
logo
Bourns Electronic Solut...
W101000J BOURNS-W101000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Lumins Inc.
W1012 LUMINIS-W1012 Datasheet
93Kb / 2P
   Ceiling mount
logo
Bourns Electronic Solut...
W101200J BOURNS-W101200J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W1011U2C805AQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com