Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W10113TC805AQ Datasheet(PDF) 2 Page - ITT Industries

Part # W10113TC805AQ
Description  4 & 6 Tumbler Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

W10113TC805AQ Datasheet(HTML) 2 Page - ITT Industries

  W10113TC805AQ Datasheet HTML 1Page - ITT Industries W10113TC805AQ Datasheet HTML 2Page - ITT Industries W10113TC805AQ Datasheet HTML 3Page - ITT Industries W10113TC805AQ Datasheet HTML 4Page - ITT Industries W10113TC805AQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M–45
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
M
C&K W Series
4 & 6 Tumbler Switchlocks
SWITCH AND LOCK FUNCTION
.880 DIA
(22,35Ø)
3/4 24 UNS THD.
MOUNTING NUT
INCLUDED
LOCKING RING
.690 DIA
(17,53Ø)
.195
(4,95)
1.734
(44,04)
.360
(9,14)
.270 TYP
(6,86)
.110 X .032 TYP
(2,79) X (0,81)
POS. 1
POS. 2
POS. 3
TERMINAL NOS. MOLDED
ON HOUSING
= Detent Positions (45º or 90º )
= Key pull possible in these positions.
= Stop Positions
LEGEND
TERMINAL NUMBERS
Terminal numbers molded on housing.
4 Tumbler
6 Tumbler
Part number shown: W201132C205AQ
Part number shown: W201132V205AQ
2
3
POS. 1
POS. 1
2
POS. 1
2
All models
with all options, see page M-47.
Positions 1 & 2
2-3
8-1
W1011U
SP
4 & 6
Position 1
2-3
2-3, 6-7
8-1
8-1, 4-5
W10113
W20113
SP
DP
4 & 6
45º
Position 1
2-3, 6-7
1-2, 5-6
8-1, 4-5
W20013
DP
4 & 6
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
POS. 4
MODEL
NO.
NO.
POLES
NO.
TUMBLERS
90º


Similar Part No. - W10113TC805AQ

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
W1010 PULSE-W1010 Datasheet
663Kb / 2P
   Wireless External Antenna for 2.4 GHz Application
logo
Bourns Electronic Solut...
W101000J BOURNS-W101000J Datasheet
422Kb / 3P
   Wirewound Power Resistor
logo
Lumins Inc.
W1012 LUMINIS-W1012 Datasheet
93Kb / 2P
   Ceiling mount
logo
Bourns Electronic Solut...
W101200J BOURNS-W101200J Datasheet
422Kb / 3P
   Wirewound Power Resistor
More results

Similar Description - W10113TC805AQ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
H101132F205NQ2 CK-COMPONENTS-H101132F205NQ2 Datasheet
268Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
ITT Industries
H101132F205NQ ITT-H101132F205NQ Datasheet
430Kb / 5P
   4 & 6 Tumbler Power Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
H CK-COMPONENTS-H Datasheet
722Kb / 5P
   4 & 6 Tumbler Power Switchlocks
18 May 22
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com