Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6341US Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6341US
Description  VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6341US Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6341US Datasheet HTML 1Page - Microsemi Corporation 1N6341US Datasheet HTML 2Page - Microsemi Corporation 1N6341US Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOIDLESS-HERMETICALLY-SEALED
Surface Mount 500 mW Glass Zener Diodes
SCOTTSD A L E DIVISION
1N6309US thru 1N6355US
DESCRIPTION
APPEARANCE
T
his Zener Voltage Regulator series is military qualified to MIL-PRF-
19500/533 and is ideal for high-reliability applications where a failure
cannot be tolerated. These industry-recognized 0.5 Watt Zener Voltage
Regulators are hermetically sealed with voidless-glass construction using
an internal metallurgical bond. It includes Zener selections from 2.4 to 200
volts in standard 5% tolerances as well as tighter tolerances identified by
different suffix letters on the part number. They are also available in axial-
leaded packages (see separate data sheet for 1N6309 thru 1N6355).
Microsemi also offers numerous other Zener products to meet higher and
lower power ratings in both thru-hole and surface mount packages.
“B” PACKAGE
(or “D-5D”)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Popular JEDEC registered series
Voidless hermetically sealed glass package
Triple-layer passivation
Internal “Category I” Metallurgical bonds for 1N6320
thru 1N6355 and “Category III” for 1N6309 thru
1N6319
JAN, JANTX, JANTXV, and JANS available per MIL-
PRF-19500/533 for 1N6309US to 1N6336US
JANS types available per MIL-S-19500/533 for
1N6320US to 1N6336US.
Axial-leaded equivalents also available (see separate
data sheet for 1N6309 thru 1N6355)
Regulates voltage over a broad operating current
and temperature range
Extensive selection from 2.4 to 200 V
Standard voltage tolerances are plus/minus 5% with
no suffix
Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
Extremely robust construction
Nonsensitive to ESD per MIL-STD-750 Method 1020
Inherently radiation hard as described in Microsemi
MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating Temperature: -65oC to +175oC
• Storage Temperature: -65oC to +175oC
• Power Dissipation: 0.5 Watts @ TEC = 150oC
• Thermal Resistance: 50oC/W junction to End Cap
• Thermal Impedance: 15oC/W at 10 ms
Forward Voltage: 1.4 V at 1.0 A
CASE: Hermetically sealed voidless hard glass with
Tungsten slugs
TERMINATIONS: End caps are Tin/Lead (Sn/Pb)
over Silver
MARKING: None
POLARITY: Cathode indicated by band
Tape & Reel option: Standard per EIA-481-B
Weight: 84 mg
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2005
2-02-2005 REV A


Similar Part No. - 1N6341US

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6341US SENSITRON-1N6341US Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
Microsemi Corporation
1N6341US MICROSEMI-1N6341US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
More results

Similar Description - 1N6341US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0 Datasheet
115Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com