Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2037 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2037
Description  Ultrasound Variable-Gain Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2037 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2037 Datasheet HTML 1Page - Maxim Integrated Products MAX2037 Datasheet HTML 2Page - Maxim Integrated Products MAX2037 Datasheet HTML 3Page - Maxim Integrated Products MAX2037 Datasheet HTML 4Page - Maxim Integrated Products MAX2037 Datasheet HTML 5Page - Maxim Integrated Products MAX2037 Datasheet HTML 6Page - Maxim Integrated Products MAX2037 Datasheet HTML 7Page - Maxim Integrated Products MAX2037 Datasheet HTML 8Page - Maxim Integrated Products MAX2037 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ultrasound Variable-Gain Amplifier
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(Figure 2, VCC = VREF = 4.75V to 5.25V, VCM = 2.85V to 3.15V, TA = 0
°C to +70°C, GND = 0V, PD = 0, VG_CLAMP_MODE = 1, fRF =
5MHz, capacitance to GND at each of the VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF,
RL = 1k
Ω. Typical values are at VCC = VREF = 5V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential output
capacitance is 10pF,
capacitance to GND at
each single-ended
output is 60pF, RL = 1k
Ω
18
Full-Scale Bandwidth
f-1.3dB
VOUT = 1.5VP-P,
1.3dB
bandwidth, gain
= 10dB
No capacitive load
RL = 1k
Ω
29
MHz
Small Signal Bandwidth
f-1.3dB
VOUT = 1.5mVP-P, 3dB bandwidth,
gain = 10dB
30
MHz
Differential Input Resistance
RIN
170
200
230
Ω
Input Effective Capacitance
CIN
fRF = 10MHz, each input to ground
15
pF
Differential Output Resistance
ROUT
100
Ω
Maximum Gain
+29.5
dB
Minimum Gain
-12.5
dB
Gain Range
42
dB
Absolute Gain Error
TA = +25
°C, full gain range 0% to 100%
±0.25
±1.0
dB
VGA Gain Response Time
40dB gain change to within 1dB final value
1
µs
Input-Referred Noise
VG_CTL set for maximum gain,
no input signal
2
nV/
√Hz
No input signal
22
Output-Referred Noise
VG_CTL set for
+10dB of gain
VOUT = 1.5VP-P,
1kHz offset
55
nV/
√Hz
VG_CLAMP_MODE = 1,
VG_CTL set for +10dB of gain,
fRF = 5MHz, VOUT = 1.5VP-P
-70
Second Harmonic
HD2
VG_CLAMP_MODE = 1,
VG_CTL set for +10dB of gain,
fRF = 10MHz, VOUT = 1.5VP-P
-55
-65
dBc
Third-Order Intermodulation
Distortion
IMD3
VG_CLT set for +10dB of gain, fRF1 = 5MHz,
fRF2 = 5.01MHz, VOUT = 1.5VP-P (Note 3)
-40
-52
dB


Similar Part No. - MAX2037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2037 MAXIM-MAX2037 Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037CCQ+D MAXIM-MAX2037CCQ+D Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037CCQ+TD MAXIM-MAX2037CCQ+TD Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
More results

Similar Description - MAX2037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2035 MAXIM-MAX2035 Datasheet
243Kb / 12P
   Ultrasound Variable-Gain Amplifier
Rev 0; 10/06
MAX2037 MAXIM-MAX2037_09 Datasheet
202Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
MAX2035 MAXIM-MAX2035_09 Datasheet
194Kb / 13P
   Ultrasound Variable-Gain Amplifier
Rev 1; 2/09
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com