Electronic Components Datasheet Search |
|
MAX2035CCQ-TD Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX2035CCQ-TD Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 12 page Ultrasound Variable-Gain Amplifier _______________________________________________________________________________________ 5 OVERLOAD RECOVERY TIME MAX2035 toc07 OUTPUT OVERLOAD TO 100mVP-P f = 5MHz DIFFERENTIAL INPUT 200mV/div DIFFERENTIAL OUTPUT 500mV/div CHANNEL-TO-CHANNEL CROSSTALK vs. GAIN -65 -70 -75 -80 -85 -100 -95 -90 -60 -15 -5 5 15 25 35 45 GAIN (dB) VOUT = 1.5VP-P DIFFERENTIAL f = 10MHz, ADJACENT CHANNELS -30 -110 1 10 100 CHANNEL-TO-CHANNEL CROSSTALK vs. FREQUENCY -90 -100 FREQUENCY (MHz) -70 -80 -60 -50 -40 VOUT = 1VP-P DIFFERENTIAL GAIN = 20dB, ADJACENT CHANNELS Typical Operating Characteristics (continued) (Figure 2, VCC = VREF = 4.75V to 5.25V, GND = 0V, PD = 0, VG_CLAMP_MODE = 1, fRF = 5MHz, capacitance to GND at each of the VGA differential outputs is 60pF, differential capacitance across the VGA outputs is 10pF, RL = 1kΩ, TA = 0°C to +70°C. Typical val- ues are at VCC = VREF = 5V, VCM = 3.0V, TA = +25°C, unless otherwise noted.) SECOND-HARMONIC DISTORTION vs. GAIN -30 -40 -50 -60 -70 -100 -90 -80 -20 -10 0 -15 -5 5 15 25 35 45 GAIN (dB) f = 2MHz VOUT = 1VP-P DIFFERENTIAL f = 5MHz f = 12MHz THIRD-HARMONIC DISTORTION vs. GAIN -30 -40 -50 -60 -70 -100 -90 -80 -20 -10 0 -15 -5 5 15253545 GAIN (dB) VOUT = 1VP-P DIFFERENTIAL f = 12MHz f = 5MHz f = 2MHz OVERLOAD RECOVERY TIME MAX2035 toc06 OUTPUT OVERLOAD TO 1VP-P f = 5MHz DIFFERENTIAL INPUT 200mV/div DIFFERENTIAL OUTPUT 500mV/div |
Similar Part No. - MAX2035CCQ-TD |
|
Similar Description - MAX2035CCQ-TD |