Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5094BAUA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5094BAUA+
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5094BAUA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5094BAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5094BAUA+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VCC = 15V, TA = +25°C, unless otherwise noted.)
Pin Descriptions
PIN
NAME
FUNCTION
1
COMP
Error-Amplifier Output. COMP can be used for soft-start.
2
FB
Error-Amplifier Inverting Input
3CS
PWM Comparator and Overcurrent Protection Comparator Input. The current-sense signal is
compared to a signal proportional to the error-amplifier output voltage.
4RT/CT
Timing Resistor/Capacitor Connection. A resistor RT from RT/CT to REF and capacitor CT from RT/CT
to GND set the oscillator frequency.
5
GND
Power-Supply Ground. Place the VCC and REF bypass capacitors close to the IC to minimize ground
loops.
6
OUT
MOSFET Driver Output. OUT connects to the gate of the external n-channel MOSFET.
7VCC
Power-Supply Input. Bypass VCC to GND with a 0.1µF ceramic capacitor or a parallel combination of
a 0.1µF and a higher value ceramic capacitor.
8
REF
5V Reference Output. Bypass REF to GND with a 0.1µF ceramic capacitor or a parallel combination
of a 0.1µF and a higher value ceramic capacitor no larger then 4.7µF.
MAX5094_
t = 400ns/div
OUT SOURCE AND SINK CURRENTS
IOUT
4A/div
VOUT
10V/div
MAX5094/95 toc20
VCC = 15V
COUT = 10nF
2.0
3.0
2.5
4.0
3.5
5.0
4.5
5.5
6.5
6.0
7.0
20
220 320 420
120
520 620 720
920
820
1020
SUPPLY CURRENT
vs. OSCILLATOR FREQUENCY
FREQUENCY (kHz)
TA = +125
°C
MAX5095C
CT = 100pF
TA = -40
°C
MAXIMUM DUTY CYCLE
vs. RT MAX5094A/MAX5095A
RT (
Ω)
10,000
1000
30
40
50
60
70
80
90
100
20
100
100,000
CT = 100nF
CT = 560pF
CT = 220pF
CT = 1000pF


Similar Part No. - MAX5094BAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5094BAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com