Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE06-FP1A6-K1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EE06-FP1A6-K1000
Description  Small Size Transmitter for Humidity and Temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EE06-FP1A6-K1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EE06-FP1A6-K1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers EE06-FP1A6-K1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
37
EE06
v2.2
Measuring values
Relative humidity
Sensor
HC101
Output appropriate 0...100% RH
0-1 V
-0.2 mA < IL < 0.2 mA
Working range
model A
0...100% RH
model C
0...100% RH
model B
0...95% RH
Accuracy at 20°C (68°F), 12V DC
±3% RH (0...95% RH)
Temperature dependence model F/FT
d RH = -0.00035 x RH x (T-20°C)
model FP
d RH = typ. (-0.003 x RH + 0.01) x (T-20°C)
Temperature (active output)
Sensor
Pt1000 (class A, DIN EN 60751)
Output appropriate -40...60°C (-40...140°F)
0-1 V
-0.2 mA < IL < 0.2 mA
Accuracy at 12V DC
Temperature (passive output)
Type of T-Sensor
please see ordering guide
General
Supply voltage
4.5V DC - 30V DC
Current consumption
typ. 1.5 mA
Housing
Polycarbonat / IP65 (Model A) in vertical mounting (filter cap upside)
Sensor protection
membrane filter, plastic grid, metal grid filter
Electromagnetic compatibility
EN 61000-6-3
EN 61000-6-1
FCC Part15 ClassB
ICES-003 ClassB
Temperature range
working temperature: -40...60°C (-40...140°F)
storage temperature: -40...65°C (-40...149°F)
Small Size Transmitter for Humidity
and Temperature
EE06 series are compact transmitters for humidity, and
combined humidity/temperature measurement with
excellent price / performance ratio.
They are optimised for OEM applications and available
with or without housing. With appropriate filter cap EE06
can operate successfully even in harsh environments.
The analogue output for both humidity and temperature
is 0-1 V.
The temperature output signal can be active or passive.
The very small dimensions, low energy consumption
and supply voltages down to 4.5 V allow cost-effective
and easy positioning of the transmitters.
humidifiers and dehumidifiers
climate controls in museums, hotels
monitoring of storage rooms
photostatic machines control
meteorological applications
very small dimensions
excellent price-performance-ratio
long term stability
easy installation
low energy consumption
EE06 Series
EE06 Series
T
Typical
ypical A
A pplica
pplications
tions
F
Fea
eatur
tur es
es
T
Tec
echnical Da
hnical Data
ta
∆°Χ
°C
EE06


Similar Part No. - EE06-FP1A6-K1000

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
EE012EMM150FM041A8RA1SS HUBERSUHNER-EE012EMM150FM041A8RA1SS Datasheet
336Kb / 3P
   MLE, 12F, 6x FLC/PC duplex, 6x ODC-2 plug, SM
logo
E+E Elektronik Ges.m.b....
EE03 EPLUSE-EE03 Datasheet
792Kb / 2P
   Humidity and Temperature Module with Digital Interface
logo
Sanken electric
EE04 SANKEN-EE04 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
logo
E+E Elektronik Ges.m.b....
EE040 EPLUSE-EE040 Datasheet
951Kb / 7P
   OEM Humidity and Temperature Sensor
01-2023
EE046 EPLUSE-EE046 Datasheet
1Mb / 7P
   Condensation Monitor
01-2024
More results

Similar Description - EE06-FP1A6-K1000

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMT310 VAISALA-HMT310 Datasheet
585Kb / 3P
   Humidity and Temperature Transmitter
PTU300 VAISALA-PTU300 Datasheet
5Mb / 5P
   Combined Pressure, Humidity and Temperature Transmitter
logo
Greystone Energy System...
HTDT GREYSTONE-HTDT Datasheet
274Kb / 2P
   DUCT HUMIDITY/TEMPERATURE TRANSMITTER
RH110B GREYSTONE-RH110B Datasheet
196Kb / 2P
   ROOM HUMIDITY/TEMPERATURE TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
   OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
logo
Amphenol Corporation
T8700 AMPHENOL-T8700 Datasheet
118Kb / 4P
   Precision humidity and temperature transmitter for HVAC control applications
logo
Greystone Energy System...
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
   OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTRC GREYSTONE-HTRC Datasheet
226Kb / 2P
   ROOM HUMIDITY / TEMPERATURE TRANSMITTER
logo
E+E Elektronik Ges.m.b....
EE211 EPLUSE-EE211 Datasheet
1Mb / 9P
   Humidity and Temperature Sensor for Continuous High Humidity
09-2022
logo
Greystone Energy System...
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
   HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com