Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC10B1300 Datasheet(PDF) 9 Page - ITT Industries

Part # SLC10B1300
Description  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC10B1300 Datasheet(HTML) 9 Page - ITT Industries

Back Button SLC10B1300 Datasheet HTML 5Page - ITT Industries SLC10B1300 Datasheet HTML 6Page - ITT Industries SLC10B1300 Datasheet HTML 7Page - ITT Industries SLC10B1300 Datasheet HTML 8Page - ITT Industries SLC10B1300 Datasheet HTML 9Page - ITT Industries SLC10B1300 Datasheet HTML 10Page - ITT Industries SLC10B1300 Datasheet HTML 11Page - ITT Industries SLC10B1300 Datasheet HTML 12Page - ITT Industries SLC10B1300 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SEALED
INTERFACE
PANEL
MAX
STRAIGHT
PIPE THREAD
SEALED
INTERFACE
44,00
(1.700)
22,90
(.900)
10,10
(.400)
13,85
(.550)
4,45
(.175)
12
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Part No.: 098533-0010 (mates with 098532-0008)
48,26
27,56
(1.085)
(1.900)
Part No.: 086-0057-000
15,90
(.600)
20,30
(.800)
Note: In-line plug and receptacle available.
Part No.: 086-0058-000
With Silicone Grommet Seal
Part No.: 086-0058-001
With Silicone Grommet Seal
Part No.: 086-0058-002
With Fluorosilicone Seal
19,30
(.760)
23,00
(.900)
4,45
(.175)
13,20
(.520)
16,60
(.650)
32,26
(1.270)
A
B
Snap/Clip-Lock Environmentally Sealed - Circular
Receptacle, Snap-thru SLCT-8
Cannon SLC/SLC-T/CLC
Receptacle, Feed-thru CLC-2
Plug, Feed-thru CLC-2
Right Angle CLC and CLC Y-Splice, please contact Product Management.


Similar Part No. - SLC10B1300

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-1 CANDD-SLC100-1 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100-1 MURATA-PS-SLC100-1 Datasheet
150Kb / 9P
   40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-10 CANDD-SLC100-10 Datasheet
298Kb / 10P
   40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC10B1300

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com