Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDM-21SBSM7-A174 Datasheet(PDF) 4 Page - ITT Industries

Part # MDM-21SBSM7-A174
Description  Micro-D PCB - .050 Contact Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MDM-21SBSM7-A174 Datasheet(HTML) 4 Page - ITT Industries

  MDM-21SBSM7-A174 Datasheet HTML 1Page - ITT Industries MDM-21SBSM7-A174 Datasheet HTML 2Page - ITT Industries MDM-21SBSM7-A174 Datasheet HTML 3Page - ITT Industries MDM-21SBSM7-A174 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Micro-D PCB - .050" Contact Spacing
MDM-PCB
CBR (Condensed Board Right Angle) Series
21
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
+
+
PCB Termination Arrangements (Viewed from bottom of connector, PCB solder side.)
Identification number shown for plug connector, use reverse order for socket connector.
54
2
1
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29
30
18
20
22
26
28
31
2
4
6
8
9
11
13
15
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29
30
32
34
36
18
20
22
26
28
31
33
35
37
2
4
6
8
9
11
13
15
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29 46
43
41
30
32
34
36
37
38
39
40
44
45
42
47
48
49
50
51
18
20
22
26
28
31
33
35
2
4
6
8
9
11
13
15
1
3
5
7
24
10
12
14
16
17
19
21
23
25
27
29
37
39
41
43
45
47
49
51
28
30
32
34
36
38
40
42
44
46
48
50
53
55
57
59
61
63
65
67
69
71
73
75
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
77
79
81
83
85
87
89
91
93
95
97
99
18
20
22
26
31
33
35
2
4
6
8
9
11
13
15
98
3
7
6
2
4
5
7
86
12
3
1
9
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
17
17
14
14
21
21
23
25
20
20
22
24
19
19
18
18
16
16
15
15
13
13
12
12
10
11
13
14
15
.083
(2.11)
LAST
CAV.
.109 ± .015
(2.77 ± 0.38)
JACKPOST 2-56
UNC-2B TYP.
(Size 9-51)
.186 (4.72)
MAX.PLUG
.198 (5.03)
MAX. RECEPT.
.096 ± .005
(2.44 ± 0.31)
DIA.TYP.
(Size 9-51)
SEE
VIEW X
SEE
VIEW Y
SEE
VIEW W
G
* *
F
H
FOR 31: 1.085(27.56) MAX.
FOR 37: 1.185(30.10) MAX.
FOR 51: 1.225(31.12) MAX.
* *
.125 ± .005
(3.18 ± 0.31)
DIA. TYP.
.185
(4.70)MAX.
C
H
JACKPOST
#4-40 UNC 2B TYP.
G
F
1.815 (46.10) MAX.
100 VIEW
CAV.
#1
A
C
D
E
B
H
G
F
.020
(0.51)
.158 (4.00)
.020
(0.51)
.020
(0.51)
.183
(4.65)
.108
(2.73)
.050
(1.27)
.108
(2.73)
.100 (2.54)
TYP.
.050 (1.27)
TYP.
.020
(0.51)
.083
(2.11)
.020
(0.51)
.083 (2.11)
.020
(0.51)
.325 (8.26)
.275 (6.98)
.100 ± .005
(2.54 ± 0.13)
9 Contacts
View X
15 Contacts
View X
21 Contacts
View X
25 Contacts
View X
100 Contacts
View W
51 Contacts
View Y
37 Contacts
View Y
31 Contacts
View Y
NOTE: Standard lead termination is #24 AWG, solid copper,
solder or tin dripped.
*For jackpost, add letter "P" or "M7" for sizes 9-51, "M17" for size 100.
Part Number
By Shell Size
MDM-9PCBR*
MDM-9SCBR*
MDM-15PCBR*
MDM-15SCBR*
MDM-21PCBR*
MDM-21SCBR*
MDM-25PCBR*
MDM-25SCBR*
MDM-31PCBR*
MDM-31SCBR*
MDM-37PCBR*
MDM-37SCBR*
MDM-51PCBR*
MDM-51SCBR*
MDM-100PCBR*
MDM-100SCBR*
.785 (19.94)
.785 (19.94)
.935 (23.75)
.935 (23.75)
1.085 (27.56)
1.085 (27.56)
1.185 (30.10)
1.185 (30.10)
1.335 (33.91)
1.335 (33.91)
1.485 (37.72)
1.485 (37.72)
1.435 (36.45)
1.435 (36.45)
2.170 (55.12)
2.170 (55.12)
.565 (14.35)
.565 (14.35)
.715 (18.16)
.715 (18.16)
.865 (21.97)
.865 (21.97)
.965 (24.51)
.965 (24.51)
1.115 (28.32)
1.115 (28.32)
1.265 (32.13)
1.265 (32.13)
1.215 (30.86)
1.215 (30.86)
1.800 (45.72)
1.800 (45.72)
.334 (8.48)
.402 (10.21)
.484 (12.29)
.552 (13.97)
.634 (16.10)
.702 (17.83)
.734 (18.64)
.802 (20.37)
.884 (22.45)
.952 (24.18)
1.034 (26.26)
1.102 (27.99)
.984 (24.99)
1.052 (26.72)
1.384 (35.15)
1.508 (38.10)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.308 (7.82)
.351 (8.92)
.351 (8.92)
.394 (10.01)
.394 (10.01)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.184 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.185 (4.70)
.253 (6.43)
.228 (5.79)
.296 (7.52)
.271 (6.88)
.394 (10.01)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.420 (10.67)
.520 (13.21)
.520 (13.21)
.520 (13.21)
.520 (13.21)
.650 (16.15)
.650 (16.15)
1.000 (25.40)
1.000 (25.40)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.250 (6.35)
.300 (7.62)
.300 (7.62)
.400 (10.16)
.400 (10.16)
.230 (5.81)
.230 (5.81)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.130 (3.30)
.150 (3.81)
.150 (3.81)
.200 (5.08)
.200 (5.08)
A
Max.
B
± .005 (.13)
G
± .010 (.25)
H
± .010 (.25)
C
Max.
D
Max.
E
Max.
F
Max.
All Termination Configurations .100 (2.54) x .100 (2.54) Grid Pattern, Offset .050 (1.27).


Similar Part No. - MDM-21SBSM7-A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-21SBS ITT-MDM-21SBS Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
More results

Similar Description - MDM-21SBSM7-A174

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com