Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5094DAUA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5094DAUA+
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5094DAUA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5094DAUA+ Datasheet HTML 3Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = 15V, TA = +25°C, unless otherwise noted.)
4.90
4.94
4.92
5.00
4.98
4.96
5.02
5.04
5.06
5.08
REFERENCE VOLTAGE
vs. TEMPERATURE
-40
-10 5 20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
IREF = 1mA
IREF = 20mA
4.65
4.75
4.70
4.85
4.80
5.00
4.95
4.90
5.05
020
10
30
40
50
60
70
REFERENCE VOLTAGE
vs. REFERENCE LOAD CURRENT
IREF (mA)
4.980
4.984
4.982
4.988
4.986
4.992
4.990
4.994
4.998
4.996
5.000
10
14
16
12
18
20
22
24
26
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VCC (V)
IREF = 1mA
450
470
460
500
490
480
510
520
540
530
550
-40
-10 5
-25
203550658095 110 125
OSCILLATOR FREQUENCY (fOSC)
vs. TEMPERATURE
TEMPERATURE (
°C)
RT = 3.65k
CT = 560pF
7.88
7.90
8.02
7.94
7.92
7.96
7.98
8.00
8.04
-40
-10 5
20
-25
35 50
95
80
110
65
125
OSCILLATOR RT/CT DISCHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VRT/CT = 2V
0
20
10
50
40
30
60
70
90
80
100
MAXIMUM DUTY CYCLE
vs. TEMPERATURE
MAX5094A/MAX5094C/MAX5095A
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
MAX5094B/MAX5094D/MAX5095B/MAX5095C
RT = 5k
CT = 560pF
0
1000 1500
500
2000 2500 3000 3500 4000
MAXIMUM DUTY CYCLE vs. FREQUENCY
MAX5094A/MAX5094C/MAX5095A
OSCILLATOR FREQUENCY (kHz)
CT = 100pF
CT = 220pF
CT = 560pF
CT = 1000pF
0
20
10
50
40
30
60
70
90
80
100
0.90
0.94
0.92
1.00
0.98
0.96
1.02
1.04
1.08
1.06
1.10
CURRENT-SENSE TRIP THRESHOLD
vs. TEMPERATURE
MAX5094A/MAX5094B
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
VFB = 0V
0.20
0.24
0.22
0.30
0.28
0.26
0.32
0.34
0.38
0.36
0.40
CURRENT-SENSE TRIP THRESHOLD
vs. TEMPERATURE
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
MAX5094C/D: VFB = 0V
MAX5095_: VCOMP = 5V


Similar Part No. - MAX5094DAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5094DAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com