Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5094DAUA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5094DAUA+
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5094DAUA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5094DAUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5094DAUA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = 15V, TA = +25°C, unless otherwise noted.)
TIMING RESISTANCE
vs. OSCILLATOR FREQUENCY
FREQUENCY (Hz)
1,000,000
100,000
1
10
100
1000
0.1
10,000
10,000,000
CT = 1nF
CT = 560pF
CT = 220pF
CT = 100pF
CT = 10nF
CT = 4.7nF
CT = 3.3nF
CT = 2.2nF
OUT IMPEDANCE vs. TEMPERATURE
(RDS_ON PMOS DRIVER)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
2.0
-40
125
ISOURCE = 100mA
0
2
1
5
4
3
6
7
9
8
10
OUT IMPEDANCE vs. TEMPERATURE
(RDS_ON NMOS DRIVER)
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
ISINK = 200mA
0
20
10
50
40
30
60
70
90
80
100
PROPAGATION DELAY FROM CURRENT-LIMIT
COMPARATOR TO OUT vs. TEMPERATURE
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
ERROR-AMPLIFIER OPEN-LOOP GAIN
AND PHASE vs. FREQUENCY
MAX5094/95 toc16
FREQUENCY (Hz)
1M
100k
1k
10k
10 100
1
0
20
40
60
80
100
120
140
-20
0.01
100M
10M
-165
-140
-115
-90
-65
-40
-15
10
-190
PHASE
GAIN
1.5
1.6
2.2
1.8
1.7
1.9
2.0
2.1
2.3
-40
-10 5
20
-25
35 50
95
80
110
65
125
COMP VOLTAGE LEVEL TO TURN
OFF DEVICE vs. TEMPERATURE
TEMPERATURE (
°C)
VCC = 15V
100
104
102
110
108
106
112
114
118
116
120
ADV_CLK RISING EDGE TO OUT RISING
EDGE TIME vs. TEMPERATURE
-40
-10 5
20
-25
35 50
95
80
110
65
125
TEMPERATURE (
°C)
MAX5095C
t = 20ns/div
ADV_CLK AND OUT WAVEFORMS
OUT
10V/div
ADV_CLK
5V/div
LOAD = 4.75k
MAX5094/95 toc19
VCC = 15V
MAX5095C


Similar Part No. - MAX5094DAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5094DAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com