Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5095BAUA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5095BAUA+
Description  High-Performance, Single-Ended, Current-Mode PWM Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5095BAUA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5095BAUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 12Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 13Page - Maxim Integrated Products MAX5095BAUA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
High-Performance, Single-Ended, Current-Mode
PWM Controllers
10
______________________________________________________________________________________
Pin Descriptions (continued)
PIN
MAX5095A/
MAX5095B
MAX5095C
NAME
FUNCTION
1
1
COMP
Current Limit/PWM Comparator Input. COMP is level-shifted and connected to the
inverting input of the PWM comparator. Pull up COMP to REF through a resistor and
connect an optocoupler from COMP to GND for proper operation.
2
SYNC
Bidirectional Synchronization Input. When synchronizing with other
MAX5095A/MAX5095Bs, the higher frequency part synchronizes all other devices.
—2
ADV_CLK
Advance Clock Output. ADV_CLK is an 85ns clock output pulse preceding the rising
edge of OUT (see Figure 4). Use the pulse to drive the secondary-side synchronous
rectifiers through a pulse transformer or an optocoupler (see Figure 8).
33
CS
PWM Comparator/Overcurrent Protection Comparator Input. The current-sense signal is
compared to the level shifted voltage at COMP.
44
RT/CT
Timing Resistor/Capacitor Connection. A resistor RT from RT/CT to REF and capacitor CT
from RT/CT to GND set the oscillator frequency.
5
5
GND
Power-Supply Ground. Place the VCC and REF bypass capacitors close to the IC to
minimize ground loops.
6
6
OUT
MOSFET Driver Output. OUT connects to the gate of the external n-channel MOSFET.
77
VCC
Power-Supply Input. Bypass VCC to GND with a 0.1µF ceramic capacitor or a parallel
combination of a 0.1µF and a higher value ceramic capacitor.
8
8
REF
5V Reference Output. Bypass REF to GND with a 0.1µF ceramic capacitor or a parallel
combination of a 0.1µF and a higher value ceramic capacitor no larger than 4.7µF.
MAX5095_


Similar Part No. - MAX5095BAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX509-MAX510 MAXIM-MAX509-MAX510 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5095BAUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
   High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com