Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT6503 Datasheet(PDF) 11 Page - Analog Devices

Part # ADT6503
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6503 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADT6503 Datasheet HTML 7Page - Analog Devices ADT6503 Datasheet HTML 8Page - Analog Devices ADT6503 Datasheet HTML 9Page - Analog Devices ADT6503 Datasheet HTML 10Page - Analog Devices ADT6503 Datasheet HTML 11Page - Analog Devices ADT6503 Datasheet HTML 12Page - Analog Devices ADT6503 Datasheet HTML 13Page - Analog Devices ADT6503 Datasheet HTML 14Page - Analog Devices ADT6503 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADT6501/ADT6502/ADT6503/ADT6504
Rev. PrA | Page 11 of 16
TEMPERATURE MONITORING
The ADT6501/ADT6502/ADT6503/ADT6504 are ideal for
monitoring the thermal environment within electronic
equipment. For example, the surface-mount package accurately
reflects the exact thermal conditions that affect nearby
integrated circuits.
The ADT650x measure and convert the temperature at the
surface of its own semiconductor chip. When the ADT650x are
used to measure the temperature of a nearby heat source, the
thermal impedance between the heat source and the ADT650x
must be as low as possible.
As much as 60% of the heat transferred from the heat source to
the thermal sensor on the ADT650x die is discharged via the
copper tracks, package pins, and bond pads. Of the pins on the
ADT650x, the GND pins transfer most of the heat. Therefore,
to monitor the temperature of a heat source it is recommended
that the thermal resistance between the ADT650x GND pins
and the GND of the heat source is reduced as much as possible.
For example, use the unique properties of the ADT650x to
monitor a high power dissipation microprocessor. The
ADT650x device, in its SOT-23 package, is mounted directly
beneath the microprocessor’s pin grid array (PGA) package.
The ADT650x requires no external characterization.


Similar Part No. - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6503 AD-ADT6503 Datasheet
295Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503 AD-ADT6503 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503SRJZN005RL7 AD-ADT6503SRJZN005RL7 Datasheet
295Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503SRJZN005RL7 AD-ADT6503SRJZN005RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6503SRJZN015RL7 AD-ADT6503SRJZN015RL7 Datasheet
295Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
More results

Similar Description - ADT6503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT6501SRJZP065RL7 AD-ADT6501SRJZP065RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501 AD-ADT6501_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6504 AD-ADT6504_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6502SRJZP085RL7 AD-ADT6502SRJZP085RL7 Datasheet
295Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6501SRJZP105RL7 AD-ADT6501SRJZP105RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6504SRJZN015RL7 AD-ADT6504SRJZN015RL7 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
REV. B
ADT6502 AD-ADT6502_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6503 AD-ADT6503_15 Datasheet
275Kb / 16P
   Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
Rev. B
ADT6401 AD-ADT6401 Datasheet
271Kb / 12P
   Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23
REV. 0
AD5061 AD-AD5061_15 Datasheet
451Kb / 20P
   16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com