Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5370 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5370
Description  300 MHz to 1000 MHz Quadrature Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5370 Datasheet(HTML) 5 Page - Analog Devices

  ADL5370 Datasheet HTML 1Page - Analog Devices ADL5370 Datasheet HTML 2Page - Analog Devices ADL5370 Datasheet HTML 3Page - Analog Devices ADL5370 Datasheet HTML 4Page - Analog Devices ADL5370 Datasheet HTML 5Page - Analog Devices ADL5370 Datasheet HTML 6Page - Analog Devices ADL5370 Datasheet HTML 7Page - Analog Devices ADL5370 Datasheet HTML 8Page - Analog Devices ADL5370 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADL5370
Rev. 0 | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5370
TOP VIEW
(Not to Scale)
COM1
VPS1
COM1
VPS1
VPS1
VPS1
VPS5
VPS3
VPS4
VPS2
VPS2
VOUT
1
3
2
4
5
6
18
16
17
15
14
13
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 7, 10 to 12,
21, 22
COM1, COM2,
COM3, COM4
Input Common Pins. Connect to ground plane via a low impedance path.
3 to 6, 14 to 18
VPS1, VPS2, VPS3,
VPS4, VPS5
Positive Supply Voltage Pins. All pins should be connected to the same supply (VS). To ensure
adequate external bypassing, connect 0.1 μF capacitors between each pin and ground. Adjacent
power supply pins of the same name can share one capacitor (see Figure 25).
19, 20, 23, 24
IBBP, IBBN, QBBN,
QBBP
Differential In-Phase and Quadrature Baseband Inputs. These high impedance inputs must be
dc-biased to 500 mV dc, and must be driven from a low impedance source. Nominal characterized
ac signal swing is 700 mV p-p on each pin. This results in a differential drive of 1.4 V p-p with a
500 mV dc bias. These inputs are not self-biased and must be externally biased.
8, 9
LOIP, LOIN
50 Ω Single-Ended Local Oscillator Input. Internally dc-biased. Pins must be ac-coupled. AC-couple
LOIN to ground and drive LO through LOIP.
13
VOUT
Device Output. Single-ended, 50 Ω internally biased RF output. Pin must be ac-coupled to the load.
Exposed Paddle
Connect to ground plane via a low impedance path.


Similar Part No. - ADL5370

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5370 AD-ADL5370 Datasheet
209Kb / 8P
   Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5370 AD-ADL5370 Datasheet
128Kb / 2P
   Interfacing the ADL5370 I/Q Modulator to the AD9779A Dual-Channel, 1 GSPS High Speed DAC
REV. A
More results

Similar Description - ADL5370

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B ATMEL-U2793B Datasheet
255Kb / 12P
   300 MHZ QUADRATURE MODULATOR
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B_06 Datasheet
322Kb / 16P
   1000-MHz Quadrature Modulator
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
   250 MHz.1000 MHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com