Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA3C150P0307F0 Datasheet(PDF) 3 Page - ITT Industries

Part # SGA3C150P0307F0
Description  ARINC 600 Rack and Panel Connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SGA3C150P0307F0 Datasheet(HTML) 3 Page - ITT Industries

  SGA3C150P0307F0 Datasheet HTML 1Page - ITT Industries SGA3C150P0307F0 Datasheet HTML 2Page - ITT Industries SGA3C150P0307F0 Datasheet HTML 3Page - ITT Industries SGA3C150P0307F0 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.ittcannon.com
23
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Connectors
SGA
Recommended Panel Cutout
Receptacle Shell Dimensions
.205 (5.21)
RAD. MAX
4 PLACES
.050 (1.27)
RAD. MAX.
4 PLACES
2.050 (52.07)
2.030 (51.56)
1.165
(29.59)
1.165
(29.59)
2.740 (69.60)
2.720 (69.09)
.310 (7.87)
RAD. MAX.
2 PLACES
.156 _
+ .005
(3.96) _
+ 0.13)
DIA. 4 PLACES
1.784 _
+ .010
(45.31 _
+ 0.25)
1.972 _
+ .010
(50.09 _
+ 0.25)
1.657 _
+ .010
(42.09 _
+ 0.25)
1.01 (25.65)
.99 (25.15)
.650 _
+ .010
(16.51 _
+ 0.25)
.130 (3.30)
.120 (3.05)
.125 (3.18) MAX POLARIZATION
KEY EXTENSION
.26 (6.60)
24 (6.10)
.08 (2.03) X 45 _
+ 2
2 PLACES
.106 (2.69) X 45 _
+ 2
2 PLACES
.705*
(17.91)
.705*
(17.91)
1.560 (39.62)
1.540 (39.12)
.950 (24.13)
.920 (23.37)
*.705 APPLIES FOR 00, 03, 06,
14, 15 MOUNTING MODIFICATIONS
*.650 APPLIES FOR 05, 07, 08, 09, 11,
12, & 13 MOUNTING MODIFICATIONS
*APPLIES TO INSERT RETAINING
SCREW LOCATION
.705*
(17.91)
.705*
(17.91)
.760*
(19.30)
.088 (2.24)
.068 (1.73)
.692 (17.58)
.668 (16.97)
.390 (9.91)
.360 (9.14)
.061 (1.55)
.059 (1.50)
.065 (16.51)
.055 (13.97)
1.531 (38.89)
MAX.
.040 (1.02) - .065 (1.68) X 45 ,
ALL AROUND
1.301 (33.05)
1.297 (32.94)
1.49 (37.85)
1.47 (37.34)
.089 (2.26)
.067 (1.79)
ALL AROUND
1.791 (45.49)
1.787 (45.39)
1.98 (50.29)
1.96 (49.78)
.760*
(19.30)
SCREW, FLH, #4-4OUNC-2A
4 PLACES
SCREW, FLH, #4-4OUNC-2A
4 PLACES
+
+
+
+
1.696 (43.08)
1.676 (42.57)
A1 POSITION
DESIGNATOR
2.335 (59.31)
2.325 (59.06)
.470 (11.94)
.460 (11.68)
2.860 (72.64)
2.840 (72.14)
.070 (1.78)
.050 (1.27)
RAD. 4 PLACES
.270 (6.86)
.250 (6.35)
+
+
+
+
X 45


Similar Part No. - SGA3C150P0307F0

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263ZPCK1 RFMD-SGA3263ZPCK1 Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263ZSQ RFMD-SGA3263ZSQ Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263ZSR RFMD-SGA3263ZSR Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3286Z RFMD-SGA3286Z Datasheet
376Kb / 7P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA3C150P0307F0

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
   Filter; ARINC Series 600 Standard, Rack & Panel
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
   Rack and Panel Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
   Rack and Panel Connectors
Revision: 15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
   Rack and Panel Connectors
Revision 22-Aug-00
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
   Cannon Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
   Rack and Panel Filter Connectors
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
BKA ITT-BKA Datasheet
866Kb / 19P
   ARINC 600
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com