Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC5B1310 Datasheet(PDF) 7 Page - ITT Industries

Part # SLC5B1310
Description  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC5B1310 Datasheet(HTML) 7 Page - ITT Industries

Back Button SLC5B1310 Datasheet HTML 3Page - ITT Industries SLC5B1310 Datasheet HTML 4Page - ITT Industries SLC5B1310 Datasheet HTML 5Page - ITT Industries SLC5B1310 Datasheet HTML 6Page - ITT Industries SLC5B1310 Datasheet HTML 7Page - ITT Industries SLC5B1310 Datasheet HTML 8Page - ITT Industries SLC5B1310 Datasheet HTML 9Page - ITT Industries SLC5B1310 Datasheet HTML 10Page - ITT Industries SLC5B1310 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Front-Face View
5 Position
Side View
Front-Face View
10 Position
Snap-thru Receptacle* (Mates with SLC Type P)
Housing Size
Rating
Part Number
Description
ØA
ØB
ØC
ØD
5
5 A
098533-0000
SLC-5T5-00
37,21 (1.465)
24,13 (.950)
25,60 (1.008)
15,62 (.615)
5
13 A
098533-0001
SLC-5T13-00
36,96 (1.455)
23,75 (.935)
25,48 (1.003)
15,34 (.605)
10
5 A
098533-0002
SLC-10T5-00
47,62 (1.875)
31,24 (1.230)
35,05 (1.380)
20,19 (.795)
10
13 A
098533-0003
SLC-10T13-00
47,37 (1.865)
30,86 (1.215)
34,92 (1.375)
19,94 (.785)
*Contact lead assemblies are customer terminated and installed. See page 14, part numbers 110238-0446, 110238-2004.
Panel Section View
Panel Rear
Face View
Snap/Clip-Lock Environmentally Sealed - Circular
Receptacle, Snap-thru* (Type T) SLC-5, SLC-10
Cannon SLC/SLC-T/CLC


Similar Part No. - SLC5B1310

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SLC555 SLS-SLC555 Datasheet
24Kb / 3P
   Timing Circuit
SLC555D SLS-SLC555D Datasheet
24Kb / 3P
   Timing Circuit
SLC555N SLS-SLC555N Datasheet
24Kb / 3P
   Timing Circuit
SLC556 SLS-SLC556 Datasheet
23Kb / 2P
   Timing Circuit
SLC556D SLS-SLC556D Datasheet
23Kb / 2P
   Timing Circuit
More results

Similar Description - SLC5B1310

ManufacturerPart #DatasheetDescription
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com