Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLU99_SL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLU99_SL
Description  UHF power transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99_SL Datasheet(HTML) 5 Page - NXP Semiconductors

  BLU99_SL Datasheet HTML 1Page - NXP Semiconductors BLU99_SL Datasheet HTML 2Page - NXP Semiconductors BLU99_SL Datasheet HTML 3Page - NXP Semiconductors BLU99_SL Datasheet HTML 4Page - NXP Semiconductors BLU99_SL Datasheet HTML 5Page - NXP Semiconductors BLU99_SL Datasheet HTML 6Page - NXP Semiconductors BLU99_SL Datasheet HTML 7Page - NXP Semiconductors BLU99_SL Datasheet HTML 8Page - NXP Semiconductors BLU99_SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
March 1993
5
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
Fig.5
VCE = 10 V; Tj =25 °C; typ. values.
handbook, halfpage
0
120
80
40
0
0.8
hFE
IC (A)
1.6
2.4
MDA374
Fig.6
VCB = 12,5 V; f = 500 MHz; Tj =25 °C;
typ. values.
handbook, halfpage
02
5
0
1
2
3
4
0.4
0.8
1.2
fT
(GHz)
1.6
MDA375
IE (A)
Fig.7 IE =ie = 0; f = 1 MHz; typ. values.
handbook, halfpage
020
16
6
8
10
12
14
48
12
Cc
(pF)
VCB (V)
16
MDA376


Similar Part No. - BLU99_SL

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLU99SL NJSEMI-BLU99SL Datasheet
104Kb / 3P
   UHF power transistor
More results

Similar Description - BLU99_SL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com