Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLX6256NSH Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HLX6256NSH
Description  32K x 8 STATIC RAM Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HLX6256NSH Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HLX6256NSH Datasheet HTML 3Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 4Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 5Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 6Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 7Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 8Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 9Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 10Page - Honeywell Solid State Electronics Center HLX6256NSH Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
HLX6256
ADDRESS
HIGH
IMPEDANCE
DATA OUT
NWE
DATA IN
DATA VALID
TAVAVW
NCS
CE
TAVWH
TWLWH
TAVWL
TWLQZ
TDVWH
TWHQX
TWHDX
TSLWH
TEHWH
TWHAX
TWHWL
WRITE CYCLE AC TIMING CHARACTERISTICS (1)
Symbol
Parameter
Typical
-55 to 125
°C
Units
(2)
Min
Max
Worst Case (3)
TAVAVW
Write Cycle Time (4)
25
ns
TWLWH
Write Enable Write Pulse Width
20
ns
TSLWH
Chip Select to End of Write Time
20
ns
TDVWH
Data Valid to End of Write Time
15
ns
TAVWH
Address Valid to End of Write Time
20
ns
TWHDX
Data Hold Time after End of Write Time
0
ns
TAVWL
Address Valid Setup to Start of Write Time
0
ns
TWHAX
Address Valid Hold after End of Write Time
0
ns
TWLQZ
Write Enable to Output Disable Time
12.6
ns
TWHQX
Write Disable to Output Enable Time
5
ns
TWHWL
Write Disable to Write Enable Pulse Width (5)
5
ns
TEHWH
Chip Enable to End of Write Time (6)
20
ns
(1) Test conditions: input switching levels, VIL/VIH=0V/3V, input rise and fall times <1 ns/V, input and output timing reference levels shown in the
Tester AC Timing Characteristics table, capacitive output loading >50 pF, or equivalent capacitive load of 5 pF for TWLQZ.
(2) Typical operating conditions: VDD=3.3 V, TA=25
°C, pre-radiation.
(3) Worst case operating conditions: VDD=3.0 V to 3.6 V, -55 to 125
°C, post total dose at 25°C.
(4) TAVAVW = TWLWH + TWHWL
(5) Guaranteed but not tested.
(6) Chip Enable (CE) pin not available on 28-lead FP or DIP.


Similar Part No. - HLX6256NSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABF ETC-HLX6228ABF Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABH ETC-HLX6228ABH Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABN ETC-HLX6228ABN Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABR ETC-HLX6228ABR Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
More results

Similar Description - HLX6256NSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com