Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLX6256KSN Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # HLX6256KSN
Description  32K x 8 STATIC RAM Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HLX6256KSN Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button HLX6256KSN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 10Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 11Page - Honeywell Solid State Electronics Center HLX6256KSN Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HLX6256
10
E
1
e
b
(width)
(pitch)
L
TOP
VIEW
U
W
X
Y
Capacitor
Pads
[1] BSC – Basic lead spacing between centers
[2] Where lead is brazed to package
[3] Parts delivered with leads unformed
[4] Lid connected to VSS
A
b
C
D
e
E
E2
E3
F
G
L
Q
S
U
W
X
Y
0.105
± 0.015
0.017
± 0.002
0.003 to 0.006
0.720
± 0.008
0.050
± 0.005 [1]
0.500
± 0.007
0.380
± 0.008
0.060 ref
0.650
± 0.005 [2]
0.035
± 0.004
0.295 min [3]
0.026 to 0.045
0.045
± 0.010
0.130 ref
0.050 ref
0.075 ref
0.010 ref
All dimensions in inches
1
A
Lead
Alloy 42 [3]
Ceramic
Body
C
E2
G
Q
Kovar
Lid [4]
E3
BOTTOM
VIEW
S
Index
The 32K x 8 SRAM is offered in a custom 36-lead flat pack
(FP), 28-Lead FP, or standard 28-lead DIP. Each package
is constructed of multilayer ceramic (Al
2O3) and features
internal power and ground planes. The 36-lead FP also
features a non-conductive ceramic tie bar on the lead
frame. The tie bar allows electrical testing of the device,
while preserving the lead integrity during shipping and
handling, up to the point of lead forming and insertion.
PACKAGING
28-LEAD FLAT PACK (22018131-001)
Ceramic chip capacitors can be mounted to the package by
the user to maximize supply noise decoupling and increase
board packing density. These capacitors attach directly to
the internal package power and ground planes. This design
minimizes resistance and inductance of the bond wire and
package. All NC (no connect) pins should be connected
to
VSS to prevent charge build up in the radiation
environment.
36-LEAD FP PINOUT
VDD
NWE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Top
View
28-LEAD DIP & FP PINOUT
28-LEAD DIP
For 28-Lead DIP description, see MIL-STD-1835, Type CDIP2-T28, Config. C, Dimensions D-10
VSS
VDD
NWE
CE
A13
A8
A9
A11
NOE
A10
NCS
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
VSS
VSS
VDD
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
NC
VDD
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
Top
View


Similar Part No. - HLX6256KSN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABF ETC-HLX6228ABF Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABH ETC-HLX6228ABH Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABN ETC-HLX6228ABN Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABR ETC-HLX6228ABR Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
More results

Similar Description - HLX6256KSN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com