Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLX6256REN Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HLX6256REN
Description  32K x 8 STATIC RAM Low Power SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HLX6256REN Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HLX6256REN Datasheet HTML 2Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 3Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 4Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 5Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 6Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 7Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 8Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 9Page - Honeywell Solid State Electronics Center HLX6256REN Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HLX6256
6
HIGH
IMPEDANCE
NCS
NOE
DATA VALID
CE
TAVAVR
TAVQV
TAXQX
TSLQV
TSLQX
TSHQZ
TEHQX
TEHQV
TGLQX
TGLQV
TGHQZ
TELQZ
ADDRESS
(NWE = high)
DATA OUT
TAVAVR
Address Read Cycle Time
25
ns
TAVQV
Address Access Time
25
ns
TAXQX
Address Change to Output Invalid Time
3
ns
TSLQV
Chip Select Access Time
25
ns
TSLQX
Chip Select Output Enable Time
5
ns
TSHQZ
Chip Select Output Disable Time
14
ns
TEHQV
Chip Enable Access Time (4)
25
ns
TEHQX
Chip Enable Output Enable Time (4)
5
ns
TELQZ
Chip Enable Output Disable Time (4)
14
ns
TGLQV
Output Enable Access Time
9
ns
TGLQX
Output Enable Output Enable Time
0
ns
TGHQZ
Output Enable Output Disable Time
12.6
ns
READ CYCLE AC TIMING CHARACTERISTICS (1)
Worst Case (3)
Symbol
Parameter
Typical
-55 to 125
°C
Units
(2)
Min
Max
(1) Test conditions: input switching levels,VIL/VIH=0V/3V, input rise and fall times <1 ns/V, input and output timing reference levels shown in the
Tester AC Timing Characteristics table, capacitive output loading C
L>50 pF, or equivalent capacitive output loading CL=5 pF for TSHQZ, TELQZ
TGHQZ. For C
L >50 pF, derate access times by 0.02 ns/pF (typical).
(2) Typical operating conditions: VDD=3.3 V, TA=25
°C, pre-radiation.
(3) Worst case operating conditions: VDD=3.0 V to 3.6 V, post total dose at 25
°C.
(4) Chip Enable (CE) pin not available on 28-lead FP or DIP.


Similar Part No. - HLX6256REN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABF ETC-HLX6228ABF Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABH ETC-HLX6228ABH Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABN ETC-HLX6228ABN Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
HLX6228ABR ETC-HLX6228ABR Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
More results

Similar Description - HLX6256REN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com